Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 7Page - STMicroelectronics PM8908TR Datasheet HTML 8Page - STMicroelectronics PM8908TR Datasheet HTML 9Page - STMicroelectronics PM8908TR Datasheet HTML 10Page - STMicroelectronics PM8908TR Datasheet HTML 11Page - STMicroelectronics PM8908TR Datasheet HTML 12Page - STMicroelectronics PM8908TR Datasheet HTML 13Page - STMicroelectronics PM8908TR Datasheet HTML 14Page - STMicroelectronics PM8908TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID027688 Rev 3
11/28
PM8908
Electrical specifications
28
Soft-end
RDS
Phase discharge resistance
47
Overcurrent protection
IOCL
Positive overcurrent threshold
LS sourcing, RM = 47 k
47.6
11
A
IOCLN
Negative overcurrent threshold LS sourcing, RM = 47 k
-11
- 7.6
- 4
A
Bootstrap switch
RBSS
Boot switch on-resistance
IBOOT = 10 mA, TA = 25 °C
12
Over and undervoltage protection
OVP
OVP threshold
VOUT rising
117
120
123
%
VREFIN
tOVPd
OVP delay
Time from the VOUT pinout of + 20% of
REFIN to OVP fault
10
s
UVP
UVP threshold
VOUT falling
65
68
71
%
VREFIN
tUVPd
UVP delay
Time from the VOUT pinout of -30% of
REFIN to UVP fault
256
s
Undervoltage fault enable
delay
Time from EN = H to undervoltage ready
2.4
ms
External tracking
Time from EN = H to undervoltage ready
9ms
Overtemperature protection
OTP
Thermal shutdown threshold(1)
145
°C
Thermal shutdown
hysteresis(1)
10
°C
PGOOD
PGOOD
Upper threshold
VOUT rising
116
%
VREFIN
Hysteresis
8
Lower threshold
VOUT falling
84
Hysteresis
8
VPGOOD,L
PGOOD voltage low
impedance
IPGOOD_SINK = 4 mA, VCC = 4.5 V
0.3
V
IPGOOD,H
PGOOD leakage high
impedance
VPGOOD = 5.5 V
1
A
tPGd
PGOOD startup delay time
External tracking
Time from EN = H to PGOOD high
10
ms
tPGHd
PGOOD high delay time
Rising edge
0.8
1
1.2
ms
tPGLd
PGOOD low delay time
Falling edge(2)
10
s
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com