Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 15Page - STMicroelectronics PM8908TR Datasheet HTML 16Page - STMicroelectronics PM8908TR Datasheet HTML 17Page - STMicroelectronics PM8908TR Datasheet HTML 18Page - STMicroelectronics PM8908TR Datasheet HTML 19Page - STMicroelectronics PM8908TR Datasheet HTML 20Page - STMicroelectronics PM8908TR Datasheet HTML 21Page - STMicroelectronics PM8908TR Datasheet HTML 22Page - STMicroelectronics PM8908TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DocID027688 Rev 3
19/28
PM8908
Application information
28
6
Application information
6.1
Output voltage setting
The PM8908 integrates a 2 V internal reference (VREF), with the total accuracy of ±1%.
The output voltage, in non-tracking configuration, can be easily programmed connecting the
R1 and R2 resistors as follows (see also Figure 8).
Connect the REFIN to the REF pin through the R1 resistor
Connect the REFIN pin to the GND through the R2 resistor
Therefore, the output voltage setting is easily achieved using Equation 3 to select the value
of the ROS resistor:
Equation 3
Figure 8. Resistor divider configuration
6.2
Droop setting
In order to reduce the necessary output capacitance amount, the PM8908 can perform the
load dependent behavior if the compensation network capacitor, CC, is avoided. The
sensed current is used for reference voltage, in the PWM comparator inverting input. So
doing, the programmed output voltage is:
Equation 4
where:
V
OUT
V
REF
1R
1 R2

+
--------------------------------
=
REFIN
9
R1
VREF
7
R2
V
OUT
V
REFIN
V
DROOP
–
=
V
DROOP
A
CS
I
LOAD
R
DROOP
G
M
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com