Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM8908TR
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM8908TR Datasheet HTML 8Page - STMicroelectronics PM8908TR Datasheet HTML 9Page - STMicroelectronics PM8908TR Datasheet HTML 10Page - STMicroelectronics PM8908TR Datasheet HTML 11Page - STMicroelectronics PM8908TR Datasheet HTML 12Page - STMicroelectronics PM8908TR Datasheet HTML 13Page - STMicroelectronics PM8908TR Datasheet HTML 14Page - STMicroelectronics PM8908TR Datasheet HTML 15Page - STMicroelectronics PM8908TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Electrical specifications
PM8908
12/28
DocID027688 Rev 3
ENABLE
EN
Input logic high
EN rising
2
V
Input logic low
EN falling
0.5
V
IEN
EN input current
VEN = 5 V
3
A
MODE
IM
Mode current
VMODE from GND to 2.4 V
15
A
SOFT-START
tSS
Soft-start time
From EN = H to VOUT
2.4
ms
td
Delay soft-start time
From EN = H to VOUT ramp starts
750
s
1.
Guaranteed by design, not subject to test.
2.
Delay time not valid if the UVLO or EN shutdown events are occurring.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com