Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 5Page - STMicroelectronics LD39050 Datasheet HTML 6Page - STMicroelectronics LD39050 Datasheet HTML 7Page - STMicroelectronics LD39050 Datasheet HTML 8Page - STMicroelectronics LD39050 Datasheet HTML 9Page - STMicroelectronics LD39050 Datasheet HTML 10Page - STMicroelectronics LD39050 Datasheet HTML 11Page - STMicroelectronics LD39050 Datasheet HTML 12Page - STMicroelectronics LD39050 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
DocID15470 Rev 3
9/28
LD39050
Electrical characteristics
28
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 10 mA, VEN = VIN, unless
otherwise specified.
Table 6. Electrical characteristics for the LD39050 (fixed output)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VOUT
VOUT accuracy
VOUT >1.5 V, IOUT = 10 mA,
TJ = 25 °C
-2.0
2.0
%
VOUT >1.5 V, IOUT = 10 mA,
-40 °C<TJ<125 °C
-3.0
3.0
VOUT ≤ 1.5 V, IOUT = 10 mA
± 20
mV
VOUT ≤ 1.5 V, IOUT = 10 mA,
-40 °C<TJ<125 °C
± 30
ΔVOUT Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
0.01
%/V
ΔVOUT Transient line regulation (1)
ΔVIN = 500 mV, IOUT = 10 mA,
tR = 5 µs
10
mVpp
ΔVIN = 500 mV, IOUT = 10 mA,
tF = 5 µs
10
ΔVOUT Static load regulation
IOUT = 10 mA to 500 mA
0.002
%/mA
ΔVOUT Transient load regulation (1)
IOUT = 10 mA to 500 mA, tR = 5 µs
40
mVpp
IOUT = 10 mA to 500 mA, tF = 5 µs
40
VDROP Dropout voltage
(2)
IOUT = 500 mA, VOUT > 1.5 V
-40 °C < TJ < 125 °C
200
400
mV
eN
Output noise voltage
10 Hz to 100 kHz, IO = 100 mA,
30
µVRMS
SVR
Supply voltage rejection
VOUT = 1.5 V
VIN = VOUT(NOM) + 0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V, freq. = 1 kHz
IOUT = 10 mA
65
dB
VIN = VOUT(NOM)+ 0.5 V+/- VRIPPLE
VRIPPLE = 0.1 V,
frequency =10 kHz
IOUT = 100 mA
62
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA, -40 °C < TJ< 125 °C
50
IOUT = 0 to 500 mA
100
IOUT = 0 to 500 mA
-40 °C < TJ < 125 °C
200
VIN input current in OFF mode:
VEN = GND
(3)
0.001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com