Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 10Page - STMicroelectronics LD39050 Datasheet HTML 11Page - STMicroelectronics LD39050 Datasheet HTML 12Page - STMicroelectronics LD39050 Datasheet HTML 13Page - STMicroelectronics LD39050 Datasheet HTML 14Page - STMicroelectronics LD39050 Datasheet HTML 15Page - STMicroelectronics LD39050 Datasheet HTML 16Page - STMicroelectronics LD39050 Datasheet HTML 17Page - STMicroelectronics LD39050 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Typical performance characteristics
LD39050
14/28
DocID15470 Rev 3
Figure 23. Supply voltage rejection vs.
frequency (VOUT = 2.5 V)
Figure 24. Noise output voltage vs. frequency
VIN = 1.8 V, VOUT = 0.8 V, VEN = 1 V, CIN = COUT = 1 µF,
TA = 25 °C
Figure 25. Enable voltage vs. temperature
(VIN = 3.5 V)
Figure 26. Enable voltage vs. temperature
(VIN = 5.5 V)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
100
Freq [kHz]
I
OUT = 10 mA
I
OUT = 100 mA
V
IN from 2.9 V to 3.1 V, VEN to VIN, VOUT = 2.5 V, CIN = COUT = 1 µF
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30405060
70
8090
100
Freq [kHz]
I
OUT = 10 mA
I
OUT = 100 mA
V
IN from 2.9 V to 3.1 V, VEN to VIN, VOUT = 2.5 V, CIN = COUT = 1 µF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f [Hz]
AP - IOUT = 100mA
AP - IOUT = 10mA
AP - IOUT = 1m
AP - IOUT = 0A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 3.5 V IOUT = 10 mA, VOUT = 2.5 V, CIN = COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 3.5 V IOUT = 10 mA, VOUT = 2.5 V, CIN = COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 5.5 V IOUT = 10 mA VOUT = 2.5 V, CIN = COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
T [°C]
High
Low
V
IN = 5.5 V IOUT = 10 mA VOUT = 2.5 V, CIN = COUT = 1 µF
Figure 27. Load transient (VOUT = 0.8 V)
VEN = VIN=1.8 V, IOUT = from10 mA to 0.5 A, CIN = COUT = 1
µF, VOUT = 0.8 V
Figure 28. Load transient (VOUT = 2.5 V)
VEN = VIN = 3.5V, IOUT from 10 mA to 0.5 A, VOUT = 2.5 V,
CIN = COUT = 1 µF
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT
I
OUT
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com