Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 5 Page - STMicroelectronics

  LD39050 Datasheet HTML 1Page - STMicroelectronics LD39050 Datasheet HTML 2Page - STMicroelectronics LD39050 Datasheet HTML 3Page - STMicroelectronics LD39050 Datasheet HTML 4Page - STMicroelectronics LD39050 Datasheet HTML 5Page - STMicroelectronics LD39050 Datasheet HTML 6Page - STMicroelectronics LD39050 Datasheet HTML 7Page - STMicroelectronics LD39050 Datasheet HTML 8Page - STMicroelectronics LD39050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DocID15470 Rev 3
5/28
LD39050
Pin configuration
28
Table 1. Pin description
Symbol
Pin n° for
DFN6 (3x3 mm)
Pin n° for
DFN6 (2x2 mm)
Function
LD39050
(adjustable)
LD39050
(fixed)
LD39050
(adjustable)
LD39050
(fixed)
EN
1
1
2
2
Enable pin logic input: low = shutdown,
high = active
GND
2
2
3
3
Common ground
PG
3
3
4
4
Power Good
VOUT
4
4
5
5
Output voltage
ADJ
5
-
6
-
Adjustable pin
VIN
6
6
1
1
Input voltage of the LDO
N.C.
-
5
-
6
Not connected
GND
Exposed pad
Exposed pad
Exposed pad must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com