Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 20Page - STMicroelectronics LD39050 Datasheet HTML 21Page - STMicroelectronics LD39050 Datasheet HTML 22Page - STMicroelectronics LD39050 Datasheet HTML 23Page - STMicroelectronics LD39050 Datasheet HTML 24Page - STMicroelectronics LD39050 Datasheet HTML 25Page - STMicroelectronics LD39050 Datasheet HTML 26Page - STMicroelectronics LD39050 Datasheet HTML 27Page - STMicroelectronics LD39050 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID15470 Rev 3
25/28
LD39050
Package information
28
Figure 42. DFN6 (2x2 mm) recommended footprint
Table 9. DFN6 (2x2 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.51
0.55
0.60
A1
0
0.02
0.05
b
0.18
0.25
0.30
D2.00
D2
1.30
1.45
1.55
E2.00
E2
0.85
1.00
1.10
e0.50
L
0.15
0.25
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com