Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 9Page - STMicroelectronics LD39050 Datasheet HTML 10Page - STMicroelectronics LD39050 Datasheet HTML 11Page - STMicroelectronics LD39050 Datasheet HTML 12Page - STMicroelectronics LD39050 Datasheet HTML 13Page - STMicroelectronics LD39050 Datasheet HTML 14Page - STMicroelectronics LD39050 Datasheet HTML 15Page - STMicroelectronics LD39050 Datasheet HTML 16Page - STMicroelectronics LD39050 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DocID15470 Rev 3
13/28
LD39050
Typical performance characteristics
28
Figure 17. Line regulation (VOUT = 2.5 V)
Figure 18. Supply voltage rejection vs.
temperature (VOUT = 0.8 V, f = 1 kHz)
Figure 19. Supply voltage rejection vs.
temperature (VOUT = 0.8 V, f = 10 kHz)
Figure 20. Supply voltage rejection vs.
temperature (VOUT = 2.5 V, f = 1 kHz)
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
I
OUT = 1 mA
I
OUT = 100 mA
V
IN = from 3.5 V to 5.5 V VOUT = 2.5 V VEN = VIN
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
I
OUT = 1 mA
I
OUT = 100 mA
V
IN = from 3.5 V to 5.5 V VOUT = 2.5 V VEN = VIN
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 1.7 V to 1.9 V, VOUT = 0.8 V, VEN to VIN, IOUT = 10 mA, freq. = 1 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 1.7 V to 1.9 V, VOUT = 0.8 V, VEN to VIN, IOUT = 10 mA, freq. = 1 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 1.7 V to 1.9 V, VOUT = 0.8 V, VEN to VIN, IOUT = 100 mA, freq. = 10 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 1.7 V to 1.9 V, VOUT = 0.8 V, VEN to VIN, IOUT = 100 mA, freq. = 10 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 2.9 V to 3.1 V, VOUT = 2.5 V, VEN to VIN, IOUT = 10 mA, freq. = 1 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 2.9 V to 3.1 V, VOUT = 2.5 V, VEN to VIN, IOUT = 10 mA, freq. = 1 kHz
Figure 21. Supply voltage rejection vs.
temperature (VOUT = 2.5 V, f = 10 kHz)
Figure 22. Supply voltage rejection vs.
frequency (VOUT = 0.8 V)
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 2.9 V to 3.1 V, VOUT = 2.5 V, VEN to VIN, IOUT = 100 mA, freq. = 10 kHz
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
IN from 2.9 V to 3.1 V, VOUT = 2.5 V, VEN to VIN, IOUT = 100 mA, freq. = 10 kHz
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
6070
80
90
100
Freq [kHz]
I
OUT = 10 mA
I
OUT = 100 mA
V
IN from 1.7 V to 1.9 V, VEN to VIN, VOUT = 0.8 V, CIN = COUT = 1 µF
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
50
6070
80
90
100
Freq [kHz]
I
OUT = 10 mA
I
OUT = 100 mA
V
IN from 1.7 V to 1.9 V, VEN to VIN, VOUT = 0.8 V, CIN = COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com