Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 20Page - STMicroelectronics LD39050 Datasheet HTML 21Page - STMicroelectronics LD39050 Datasheet HTML 22Page - STMicroelectronics LD39050 Datasheet HTML 23Page - STMicroelectronics LD39050 Datasheet HTML 24Page - STMicroelectronics LD39050 Datasheet HTML 25Page - STMicroelectronics LD39050 Datasheet HTML 26Page - STMicroelectronics LD39050 Datasheet HTML 27Page - STMicroelectronics LD39050 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
DocID15470 Rev 3
27/28
LD39050
Revision history
28
9
Revision history
Table 11. Document revision history
Date
Revision
Changes
11-Mar-2009
1
Initial release.
28-Feb-2014
2
The part number LD39050xx changed to LD39050.
Updated the title in cover page, Table 10: Order code, Section 1: Diagrams,
Section 2: Pin configuration, Section 4: Electrical characteristics, Section 5:
Typical performance characteristics, Section 6: Application information and
Section 7: Package information.
Deleted order code table.
Added Section 9: Revision history.
Minor text changes.
26-Oct-2015
3
Added DFN6 (2x2 mm) package.
Removed device summary table.
Updated features and description in cover page.
Updated
Section 2: Pin configuration, Table 3: Thermal data and Table 4: ESD
performance.
Added
Section 8: Ordering information.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com