Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 1 Page - STMicroelectronics

  LD39050 Datasheet HTML 1Page - STMicroelectronics LD39050 Datasheet HTML 2Page - STMicroelectronics LD39050 Datasheet HTML 3Page - STMicroelectronics LD39050 Datasheet HTML 4Page - STMicroelectronics LD39050 Datasheet HTML 5Page - STMicroelectronics LD39050 Datasheet HTML 6Page - STMicroelectronics LD39050 Datasheet HTML 7Page - STMicroelectronics LD39050 Datasheet HTML 8Page - STMicroelectronics LD39050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
October 2015
DocID15470 Rev 3
1/28
LD39050
500 mA low quiescent current and low noise voltage regulator
Datasheet
- production data
Features
• Input voltage from 1.5 to 5.5 V
• Ultra low-dropout voltage (200 mV typ. at 500
mA load)
• Very low quiescent current (20 µA typ. at no
load, 100 µA typ. at 500 mA load, 1 µA max. in
OFF mode)
• Very low noise without bypass capacitor
• Output voltage tolerance: ± 2.0% @ 25 °C
• 500 mA guaranteed output current
• Wide range of output voltages available on
request: 0.8 V to 4.5 V with 100 mV step and
adjustable from 0.8 V
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current and thermal limit
• Package DFN6 (3x3 mm) and DFN6 (2x2 mm)
• Temperature range: from -40 °C to 125 °C
Description
The LD39050 provides 500 mA maximum current
with an input voltage range from 1.5 V to 5.5 V
and a typical dropout voltage of 200 mV. Stability
is given by ceramic capacitors. The ultra low drop
voltage, low quiescent current and low noise
features make it suitable for low power battery-
powered applications. Power supply rejection is
65 dB at low frequencies and starts to roll off at 10
kHz. The enable logic control function puts the
LD39050 in shutdown mode allowing a total
current consumption lower than 1 µA. The device
also includes short-circuit constant current limiting
and thermal protection. Typical applications are
mobile phones, hard disks and battery-powered
systems.
www.st.com


Similar Part No. - LD39050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39050PU105R STMICROELECTRONICS-LD39050PU105R Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39050PU10R STMICROELECTRONICS-LD39050PU10R Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39050PU12R STMICROELECTRONICS-LD39050PU12R Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39050PU15R STMICROELECTRONICS-LD39050PU15R Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39050PU18R STMICROELECTRONICS-LD39050PU18R Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
More results

Similar Description - LD39050

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
logo
STMicroelectronics
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
logo
Microchip Technology
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
logo
ON Semiconductor
NCP705 ONSEMI-NCP705 Datasheet
1Mb / 20P
500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
May, 2013 ??Rev. 2
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
STMicroelectronics
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com