Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 12Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 13Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 14Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 15Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 16Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 17Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 18Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 19Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
8.5.3 Vendor ID LSB Register
Offset = 1h, reset = 51h
Figure 4. Vendor ID LSB Register
7
6
5
4
3
2
1
0
vendorIdLsb[7]
vendorIdLsb[6]
vendorIdLsb[5]
vendorIdLsb[4]
vendorIdLsb[3:1]
vendorIdLsb[0]
R/RW-0
R/RW-1
R/RW-0
R/RW-1
R/RW-0
R/RW-1
Table 5. Vendor ID LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7
vendorIdLsb[7]
R/RW
0
Vendor ID LSB
6
vendorIdLsb[6]
R/RW
1
Least significant byte of the unique vendor ID assigned by the USB-IF; the
default value of this register is 51h representing the LSB of the TI Vendor ID
5
vendorIdLsb[5]
R/RW
0
0451h. The value may be overwritten to indicate a customer vendor ID.
4
vendorIdLsb[4]
R/RW
1
This field is R/W unless the OTP ROM VID and OTP ROM PID values are non-
3:1
vendorIdLsb[3:1]
R/RW
0
zero. If both values are non-zero, the value when reading this register will
reflect the OTP ROM value.
0
vendorIdLsb[0]
R/RW
1
8.5.4 Vendor ID MSB Register
Offset = 2h, reset = 04h
Figure 5. Vendor ID MSB Register
7
6
5
4
3
2
1
0
vendorIdMsb[7:3]
vendorIdMsb[2]
vendorIdMsb[1:0]
R/RW-0
R/RW-1
R/RW-0
Table 6. Vendor ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
vendorIdMsb[7:3]
R/RW
0
Vendor ID MSB
2
vendorIdMsb[2]
R/RW
1
Most significant byte of the unique vendor ID assigned by the USB-IF; the default
value of this register is 04h representing the MSB of the TI Vendor ID 0451h. The
value may be overwritten to indicate a customer vendor ID.
1:0
vendorIdMsb[1:0]
R/RW
0
This field is R/W unless the OTP ROM VID and OTP ROM PID values are non-zero.
If both values are non-zero, the value when reading this register shall reflect the
OTP ROM value.
8.5.5 Product ID LSB Register
Offset = 3h, reset = 40h
Figure 6. Product ID LSB Register
7
6
5
4
3
2
1
0
productIdLsb[7]
productIdLsb[6]
productIdLsb[5:0]
R/RW-0
R/RW-1
R/RW-0
Table 7. Product ID LSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7
productIdLsb[7]
R/RW
0
Product ID LSB.
6
productIdLsb[6]
R/RW
1
The default value of this register is 40h representing the LSB of the product
ID assigned by TI. The value reported in the USB 2.0 device descriptor is
the value of this register bit wise XORed with 00000010b. The value may
be overwritten to indicate a customer product ID.
5:0
productIdLsb[5:0]
R/RW
0
This field is R/W unless the OTP ROM VID and OTP ROM PID values are
non-zero. If both values are non-zero, the value when reading this register
will reflect the OTP ROM value.
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com