Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 21Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 22Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 23Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 24Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 25Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 26Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 27Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 28Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
8.5.19 Serial Number String Registers
Offset = 30h-4Fh
Figure 20. Serial Number String Registers
7
6
5
4
3
2
1
0
serialNumber[n]
R/RW-X
Table 21. Serial Number String Registers Field Descriptions
Bit
Field
Type
Reset
Description
Serial Number byte N
The serial number returned in the Serial Number string descriptor at string index 1.
7:0
serialNumber[n]
R/RW
X
The default value of these registers is assigned by TI. When customSernum is 1,
these registers may be overwritten by EEPROM contents or by an SMBus host.
8.5.20 Manufacturer String Registers
Offset = 50h-8Fh
Figure 21. Manufacturer String Registers
7
6
5
4
3
2
1
0
mfgStringByte[n]
R/W-0
Table 22. Manufacturer String Registers Field Descriptions
Bit
Field
Type
Reset
Description
Manufacturer string byte N
These registers provide the string values returned for string index 3 when
mfgStringLen is greater than 0. The number of bytes returned in the string is
7:0
mfgStringByte[n]
R/W
0
equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined
by the Unicode Standard, Worldwide Character Encoding, Version 5.0.
8.5.21 Product String Byte N Register
Offset = 90h-CFh
Figure 22. Product String Byte N Register
7
6
5
4
3
2
1
0
prodStringByte[n]
R/RW-0
Table 23. Product String Byte N Register Field Descriptions
Bit
Field
Type
Reset
Description
Product string byte N
These registers provide the string values returned for string index 2 when
prodStringLen is greater than 0. The number of bytes returned in the string is
7:0
prodStringByte[n]
R/RW
0
equal to prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by
the Unicode Standard, Worldwide Character Encoding, Version 5.0.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com