Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 20Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 21Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 22Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 23Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 24Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 25Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 26Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 27Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
Table 18. Serial Number String Length Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
serNumStringLen[5]
R/RW
0
Serial number string length
4:3
serNumStringLen[4:3]
R/RW
1
The string length in bytes for the serial number string. The default value is
18h indicating that a 24-byte serial number string is supported. The
maximum string length is 32 bytes.
When the customSernum bit is set to 1, this field may be overwritten by the
contents of an attached EEPROM or by an SMBus host.
2:0
serNumStringLen[2:0]
R/RW
0
When the field is non-zero, a serial number string of serNumbStringLen
bytes is returned at string index 1 from the data contained in the Serial
Number String registers.
8.5.17 Manufacturer String Length Register
Offset = 23h
Figure 18. Manufacturer String Length Register
7
6
5
4
3
2
1
0
RSVD
mfgStringLen
R-0
R/RW-0
Table 19. Manufacturer String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7
RSVD
R
0
Read only, returns 0 when read
Manufacturer string length
The string length in bytes for the manufacturer string. The default value is 0,
indicating that a manufacturer string is not provided. The maximum string length is 64
bytes.
6:0
mfgStringLen
R/RW
0
When the customStrings bit is set to 1, this field may be overwritten by the contents of
an attached EEPROM or by an SMBus host.
When the field is non-zero, a manufacturer string of mfgStringLen bytes is returned at
string index 3 from the data contained in the Manufacturer String registers.
8.5.18 Product String Length Register
Offset = 24h
Figure 19. Product String Length Register
7
6
5
4
3
2
1
0
RSVD
prodStringLen
R-0
R/RW-0
Table 20. Product String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7
RSVD
R
0
Read only, returns 0 when read.
Product string length
The string length in bytes for the product string. The default value is 0, indicating
that a product string is not provided. The maximum string length is 64 bytes.
6:0
prodStringLen
R/RW
0
When the customStrings bit is set to 1, this field may be overwritten by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a product string of prodStringLen bytes is returned at
string index 3 from the data contained in the Product String registers.
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com