Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 22Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 23Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 24Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 25Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 26Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 27Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 28Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 29Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
8.5.22 Additional Feature Configuration Register
Offset = F0h
Figure 23. Additional Feature Configuration Register
7
6
5
4
3
2
1
0
RSVD
stsOutputEn
pwronTime
RSVD
R-0
R/RW-0
R/W-0
R/W-0
Table 24. Additional Feature Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7:5
RSVD
R
0
Read only, returns 0 when read.
4
RSVD
R/RW
0
Reserved.
Power-on delay time
When OTP ROM pwronTime field is all 0, this field sets the delay time from the
removal disable of PWRCTL to the enable of PWRCTL when transitioning battery
charging modes. For example, when disabling the power on a transition from a
3:1
pwronTime
RW
0
custom charging mode to dedicated charging port mode. The nominal timing is
defined as follows:
TPWRON_EN = (pwronTime + 1) x 200 ms
(1)
This field may be overwritten by EEPROM contents or by an SMBus host.
0
RSVD
RW
0
Reserved
8.5.23 Device Status and Command Register
Offset = F8h
Figure 24. Device Status and Command Register
7
6
5
4
3
2
1
0
RSVD
smbusRst
cfgActive
R-0
W1S-0
W1C-0
Table 25. Device Status and Command Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7:2
RSVD
R
0
Read only, returns 0 when read
SMBus interface reset
This bit loads the registers back to their GRSTz values.
6
smbusRst
W1S
0
This bit is set by writing a 1 and is cleared by hardware on completion of the reset. A
write of 0 has no effect.
Configuration active
This bit indicates that configuration of the TUSB4041I device is currently active. The
bit is set by hardware when the device enters the I2C or SMBus mode. The
5
cfgActive
W1C
0
TUSB4041I device does not connect on the upstream port while this bit is 1.
When in the SMBus mode, this bit must be cleared by the SMBus host to exit the
configuration mode and allow the upstream port to connect.
The bit is cleared by a writing 1. A write of 0 has no effect.
26
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com