Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 14Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 15Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 16Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 17Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 18Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 19Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 20Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 21Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
TUSB4041I
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
www.ti.com
Table 9. Device Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
Ganged
This bit is loaded at the deassertion of reset with the value of the
GANGED/SMBA2/HS_UP pin.
0 = Each port is individually power switched and enabled by the
PWRCTL[4:1]/BATEN[4:1] pins.
3
ganged
RW
X
1 = The power switch control for all ports is ganged and enabled by the
PWRCTL[4:1]/BATEN1 pin.
When the TUSB4041I device is in I2C mode, the TUSB4041I device loads this bit
from the contents of the EEPROM.
When the TUSB4041I device is in SMBUS mode, the value may be overwritten by
an SMBus host.
Full power management
This bit is loaded at the deassertion of reset with the value of the
FULLPWRMGMTz/SMBA1 pin.
0 = Port power switching status reporting is enabled
2
fullPwrMgmtz
RW
X
1 = Port power switching status reporting is disabled
When the TUSB4041I device is in I2C mode, the TUSB4041I device loads this bit
from the contents of the EEPROM.
When the TUSB4041I device is in SMBUS mode, the value may be overwritten by
an SMBus host.
Reserved
1
RSVD
RW
0
This field is reserved and should not be altered from the default.
Reserved
0
RSVD
R
0
This field is reserved and returns 0 when read.
8.5.8 Battery Charging Support Register
Offset = 6h
Figure 9. Battery Charging Support Register
7
6
5
4
3
2
1
0
RSVD
batEn[3:0]
R-0
RW-X
Table 10. Battery Charging Support Register Field Descriptions
Bit
Field
Type
Reset
Description
Reserved
7:4
RSVD
R
0
Read only, returns 0 when read.
Battery Charger Support. The bits in this field indicate whether the downstream port
implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
3:0
batEn[3:0]
RW
X
Each bit corresponds directly to a downstream port, that is batEn0 corresponds to
downstream port 1, and batEN1 corresponds to downstream port 2.
The default value for these bits are loaded at the deassertion of reset with the value
of PWRCTL/BATEN[3:0].
When in I2C/SMBus mode the bits in this field may be overwritten by EEPROM
contents or by an SMBus host.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com