Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 13Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 14Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 15Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 16Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 17Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 18Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 19Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 20Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
TUSB4041I
www.ti.com
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
8.5.6 Product ID MSB Register
Offset = 4h, reset = 81h
Figure 7. Product ID MSB Register
7
6
5
4
3
2
1
0
productIdMsb[7]
productIdMsb[6:1]
productIdMsb[0]
R/RW-1
R/RW-0
R/RW-1
Table 8. Product ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7
productIdMsb[7]
R/RW
1
Product ID MSB
6:1
productIdMsb[6:1]
R/RW
0
Most significant byte of the product ID assigned by TI; the default value of this
register is 81h representing the MSB of the product ID assigned by TI. The
value may be overwritten to indicate a customer product ID.
0
productIdMsb[0]
R/RW
1
This field is R/W unless the OTP ROM VID and OTP ROM PID values are
non-zero. If both values are non-zero, the value when reading this register will
reflect the OTP ROM value.
8.5.7 Device Configuration Register
Offset = 5h
Figure 8. Device Configuration Register
7
6
5
4
3
2
1
0
customStrings
customSernum
RSVD
RSVD
ganged
fullPwrMgmtz
RSVD
RSVD
RW-0
RW-0
RW-0
R-1
RW-X
RW-X
RW-0
R-0
Table 9. Device Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
Custom strings enable
This bit controls the ability to write to the Manufacturer String Length, Manufacturer
String, Product String Length, Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product String
7
customStrings
RW
0
Length, Product String, and Language ID registers are read only.
1 = The Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers may be loaded by
EEPROM or written by SMBus.
The default value of this bit is 0.
Custom serial number enable
This bit controls the ability to write to the serial number registers.
0 = The Serial Number String Length and Serial Number String registers are
6
customSernum
RW
0
read only.
1 = Serial Number String Length and Serial Number String registers may be
loaded by EEPROM or written by SMBus.
The default value of this bit is 0.
5
RSVD
RW
0
Reserved.
4
RSVD
R
1
Reserved. This bit is reserved and returns 1 when read.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com