Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041IPAPR
Description  Four-Port USB 2.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041IPAPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB4041IPAPR Datasheet HTML 25Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 26Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 27Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 28Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 29Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 30Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 31Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 32Page - Texas Instruments TUSB4041IPAPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
POPULATE
FOR BC SUPPORT
VBUS_DS2
USB_DP_DN2
USB_DM_DN2
DN2_VBUS
BOARD_3P3V
DN2_VBUS
OVERCUR2Z
PWRCTRL2_BATEN2
C8
0.1 µF
TUSB4041I_PAP
U1C
PWRCTL2/BATEN2
3
OVERCUR2Z
15
USB_DP_DN2
41
USB_DM_DN2
42
FB2
220 at 100 MHz
USB2_TYPEA
J3
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
C7
0.1 µF
C9
0.001 µF
R8
4.7 K
R9
1 M
POPULATE
FOR BC SUPPORT
DN1_VBUS
VBUS_DS1
USB_DM_DN1
USB_DP_DN1
BOARD_3P3V
DN1_VBUS
PWRCTRL1_BATEN1
OVERCUR1Z
C5
0.001uF
USB2_TYPEA
J2
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
FB1
220 @ 100MHZ
R7
1M
R6
4.7K
TUSB4041I_PAP
U1B
PWRCTL1/BATEN1
4
OVERCUR1Z
14
USB_DP_DN1
33
USB_DM_DN1
34
C6
0.1uF
C4
0.1uF
TUSB4041I
www.ti.com
SLLSEK3B – JULY 2015 – REVISED DECEMBER 2015
9.2.2.2 Downstream Port 1 Implementation
Figure 27. Downstream Port 1 Implementation
The downstream port 1 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN1 pin
pulled up, battery charge support is enabled for Port 1. If battery charge support is not needed, then uninstall the
pullup resistor on BATEN1.
9.2.2.3 Downstream Port 2 Implementation
Figure 28. Downstream Port 2 Implementation
The downstream port 2 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN2 pin
pulled up, battery charge support is enabled for port 2. If battery charge support is not needed, then uninstall the
pullup resistor on BATEN2.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TUSB4041I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com