Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 68 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 64Page - STMicroelectronics VD5377CBUW Datasheet HTML 65Page - STMicroelectronics VD5377CBUW Datasheet HTML 66Page - STMicroelectronics VD5377CBUW Datasheet HTML 67Page - STMicroelectronics VD5377CBUW Datasheet HTML 68Page - STMicroelectronics VD5377CBUW Datasheet HTML 69Page - STMicroelectronics VD5377CBUW Datasheet HTML 70Page - STMicroelectronics VD5377CBUW Datasheet HTML 71Page - STMicroelectronics VD5377CBUW Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
I2C register map
VD5377
68/88
Doc ID 022952 Rev 2
3
ANALOG_CTRL2
led_out_dmib_ctrl
0
PRW
00
Select the source of LED out.
0 = Auto (by DMIB controller)
1 = Manual (by
led_out_manual) - FOR LED
TEST PURPOSES ONLY.
led_out_manual
1
PRW
00
If led_out_dmib_ctrl is high,
defines the state of led_out.
0 = LED driver disable (in
manual mode)
1 = LED driver enable (in
manual mode)
(FOR LED TEST PURPOSES
ONLY)
dmib_dac_vref
3:2
PRW
01
Vref select for DMIB DAC
0 = 1v45
1 = 1v5 (default)
2 = 1v55
3 = 1v6 (recommended)
led_dac_control
6:4
PRW
07
Adjust Led Drive DAC drive
output current.
0 = Iout = 0 mA
1 = Iout = 2.0 mA
2 = Iout = 4.0 mA
3 = Iout = 6.0 mA
4 = Iout = 8.0 mA
5 = Iout = 10.0 mA
6 = Iout = 12.0 mA
7 = Iout = 14.0 mA (default)
led_out_polarity
7
PRW
01
LED_OUT_EN polarity
0 = High when LED must be ON
1 = Low when LED must be ON
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com