Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 46 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 42Page - STMicroelectronics VD5377CBUW Datasheet HTML 43Page - STMicroelectronics VD5377CBUW Datasheet HTML 44Page - STMicroelectronics VD5377CBUW Datasheet HTML 45Page - STMicroelectronics VD5377CBUW Datasheet HTML 46Page - STMicroelectronics VD5377CBUW Datasheet HTML 47Page - STMicroelectronics VD5377CBUW Datasheet HTML 48Page - STMicroelectronics VD5377CBUW Datasheet HTML 49Page - STMicroelectronics VD5377CBUW Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
Additional features
VD5377
46/88
Doc ID 022952 Rev 2
7.3.1
PWM operation
The following list is a summary of PWM operation (Figure 19).
•
The PWM block is clocked by the internal 50 kHz oscillator which means in STANDBY
state in MANUAL power mode and in SLEEP states in AUTOMATIC power mode the
backlight LEDs are still running.
•
Maximum LED period is 5.12 ms (256 x OSC50K clock period).
•
Programmable pulse width (from 0 to 5.12 ms).
•
BACKLED pulses can be “gated” or “delayed” during the tracking LED “on” time to
avoid interference with the tracking function. This should not be required if the
BACKLED are shielded.
Note:
No test is performed on pulsehigh value versus period value so the host must ensure that
pulsehigh < period.
Figure 19. PWM operation: three independent PWM channels
backled_en
Osc
50kHz
period
period
period
pulsehigh1
pulsehigh0
pulsehigh2
pwm0
pwm1
pwm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com