Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 47 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 43Page - STMicroelectronics VD5377CBUW Datasheet HTML 44Page - STMicroelectronics VD5377CBUW Datasheet HTML 45Page - STMicroelectronics VD5377CBUW Datasheet HTML 46Page - STMicroelectronics VD5377CBUW Datasheet HTML 47Page - STMicroelectronics VD5377CBUW Datasheet HTML 48Page - STMicroelectronics VD5377CBUW Datasheet HTML 49Page - STMicroelectronics VD5377CBUW Datasheet HTML 50Page - STMicroelectronics VD5377CBUW Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Doc ID 022952 Rev 2
47/88
VD5377
Basic start-up information
8
Basic start-up information
8.1
Register override
To ensure correct operation over the device operating temperature range (see Table 34:
Operating conditions on page 61) it is recommended to make the single register override
specified in Table 27 as part of the user initialization of the device in sw_standby.
8.2
Recommended start-up settings
The VD5377 needs to be initialized after power-up. The only required register write is
host_config_done = 1 (SYSTEM_CONFIG 0x5 bit 3). The rest of the start up settings vary
depending on application type.
The registers in Table 28 are the most commonly used on power on. (See Table 38: I2C
register map on page 67 for more details about the registers.)
Table 27. Analog_ctrl2 recommended setting
Addr
(Hex)
Register name
Default
setting (Hex)
Recommended
setting
Description
3
ANALOG_CTRL2
0xf4
0xfc
Bits [3:2] DMIB DAC Vref setting =
1.6V
Table 28. Start-up settings
Register address
Description
0x3
Set LED DAC current (max is default) and register override
0xc
Set motion pin pin to open drain or push/pull (default)
0x27
Set X/Y direction
0x29
Set min features (default = 256 [16 x 16d])
0x2a / 0x2b
Set X/Y scaling
0x51
Set sun mode on (off is default)
0x5(1)
1. Customers are advised to set up the sensor (that is, CPI, XY direction and so on) before setting
host_config_done.
Set Auto/Manual power mode, motion pin polarity, use_standby_pin and
host_config_done



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com