Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 48 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 44Page - STMicroelectronics VD5377CBUW Datasheet HTML 45Page - STMicroelectronics VD5377CBUW Datasheet HTML 46Page - STMicroelectronics VD5377CBUW Datasheet HTML 47Page - STMicroelectronics VD5377CBUW Datasheet HTML 48Page - STMicroelectronics VD5377CBUW Datasheet HTML 49Page - STMicroelectronics VD5377CBUW Datasheet HTML 50Page - STMicroelectronics VD5377CBUW Datasheet HTML 51Page - STMicroelectronics VD5377CBUW Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Basic start-up information
VD5377
48/88
Doc ID 022952 Rev 2
As an example, the initialization routines could use the following sequence.
1.
Sensor in automatic power mode without “use standby pin”, int LED_DAC set at max
current, 800CPI (M = 0.5), motion pin polarity high (push-pull).
–
Register 0x5 = 0xd
([0] - automatic power mode, [2] - motion pin high, [3] - host config done)
2.
Sensor in automatic power mode with “use standby pin”, int LED_DAC set to 10 mA,
register override, 800 CPI (M = 1), motion pin polarity high (open drain).
–
Register 0x3 = 0x5c
([3:2] - register override and [6:4] - LED DAC current)
–
Register 0xc = 0xce
([7:0] - motion open drain)
–
Register 0x2a/0x2b = 0x8
([7:0] - 800 CPI for 1 x magnification)
–
Register 0x5 = 0x1d
([0] - automatic power mode, [2] - motion pin high, [3] - host config done and [4] -
use standby pin)
3.
Sensor in manual power mode with “use standby pin”, int LED_DAC set at max current,
1000 CPI (M = 0.5), motion pin polarity low (push-pull), sunlight mode on, min features
set to 1024.
–
Register 0x29 = 0x40
([7:0] - min features)
–
Register 0x2a/0x2b = 0x14
([7:0] - 1000 CPI for 0.5 x magnification)
–
Register 0x51 = 0x2
([1:0] - sunlight mode on)
–
Register 0x5 = 0x18
([0] - manual power mode, [2] - motion pin low, [3] - host config done and [4] - use
standby pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com