Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 81 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 81 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 77Page - STMicroelectronics VD5377CBUW Datasheet HTML 78Page - STMicroelectronics VD5377CBUW Datasheet HTML 79Page - STMicroelectronics VD5377CBUW Datasheet HTML 80Page - STMicroelectronics VD5377CBUW Datasheet HTML 81Page - STMicroelectronics VD5377CBUW Datasheet HTML 82Page - STMicroelectronics VD5377CBUW Datasheet HTML 83Page - STMicroelectronics VD5377CBUW Datasheet HTML 84Page - STMicroelectronics VD5377CBUW Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
Doc ID 022952 Rev 2
81/88
VD5377
I2C register map
83
BACKLIGHT_
CONTROL
bBackLightEnable
0
RW
00
BACKLED PWM enable
0 = Disable
1 = Enable
bSingleBackled
1
RW
00
Single BACKLED scheme
control par PWM0 only
0 = three independent
BackLEDs
1 = BackLED controlled by
PWM 0
bPwmPolarity
2
RW
00
BACKLED PWM signal polarity
0 = High when LED must be ON
(= pwm0)
1 = Low when LED must be ON
(= !pwm0)
bBackledGaterEnable
3
RW
00
Enable the gating of BACKLED
PWM signal with DMIB gater
signal.
0 = Disable
1 = Enable
bPwmHoldEnable
4
RW
00
Enable the hold mechanism
when DMIB gater signal is ON.
0 = Disable
1 = Enable
bBackLightReset
7
RWC
00
In SW STBY reset the control of
Backlight control (self cleared).
0 = Disable
1 = Enable
84
AUTO_RUNNING_
TIMEOUT_HI
uwRunningTimeout
15:0
RW
00
In RUNNING state, time to enter
SLEEP1 state when no motion
is detected. Expressed in
number of frames, for example,
in automatic frame rate = step of
1 ms (1 kf/s), for fixed frame
rate depending on the chosen
frame rate.
85
AUTO_RUNNING_
TIMEOUT_LO
32
86
AUTO_SLEEP1_
TIMEOUT_HI
uwSleep1Timeout
15:0
RW
03
In SLEEP1 state, time to enter
SLEEP2 state when no motion
is detected. Expressed in
number of frames, for example,
step of SLEEP1 latency.
87
AUTO_SLEEP1_
TIMEOUT_LO
20
88
AUTO_SLEEP2_
TIMEOUT_HI
uwSleep2Timeout
15:0
RW
17
In SLEEP2 state, time to enter
SLEEP3 state when no motion
is detected. Expressed in
number of frames, for example,
step of SLEEP2 latency.
89
AUTO_SLEEP2_
TIMEOUT_LO
70
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com