Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 20 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 16Page - STMicroelectronics VD5377CBUW Datasheet HTML 17Page - STMicroelectronics VD5377CBUW Datasheet HTML 18Page - STMicroelectronics VD5377CBUW Datasheet HTML 19Page - STMicroelectronics VD5377CBUW Datasheet HTML 20Page - STMicroelectronics VD5377CBUW Datasheet HTML 21Page - STMicroelectronics VD5377CBUW Datasheet HTML 22Page - STMicroelectronics VD5377CBUW Datasheet HTML 23Page - STMicroelectronics VD5377CBUW Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
System overview
VD5377
20/88
Doc ID 022952 Rev 2
POWERDOWN pin is deasserted, the internal 1.8 V regulator is re-enabled triggering a
POR (Power-On Reset) and the MCU re-initializes as at power-up before entering the SW
STBY state. The device must be re-configured after POWERDOWN.
Key timing parameters are shown in Table 9.
Table 9. Manual mode timing constraints
Symbol
Parameter
Typical
t1
POR Delay
(POR threshold = 1.4 V typ)
20 µs
t2
Clock Startup
1 µs
t3
MCU boot time
450 µs
t4
Minimum Powerdown time (220 nF regulator capacitor)
10 ms
t5(1)
1. No I2C comms permitted to VD5377 after Standby pin asserted
Standby pin latency (up to 1 frame at 1 kf/s)
up to 1 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com