Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD5377CBUW Datasheet(PDF) 35 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 31Page - STMicroelectronics VD5377CBUW Datasheet HTML 32Page - STMicroelectronics VD5377CBUW Datasheet HTML 33Page - STMicroelectronics VD5377CBUW Datasheet HTML 34Page - STMicroelectronics VD5377CBUW Datasheet HTML 35Page - STMicroelectronics VD5377CBUW Datasheet HTML 36Page - STMicroelectronics VD5377CBUW Datasheet HTML 37Page - STMicroelectronics VD5377CBUW Datasheet HTML 38Page - STMicroelectronics VD5377CBUW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
Doc ID 022952 Rev 2
35/88
VD5377
Key features
6.5
5 x 5 high pass filter
Before each frame is processed the image data is passed through a high-pass filter to
extract edge information. The PARAMETERS_3 register 0x28 bit 5 (Table 19) permits
selection between two high pass filter options. 3 x 3 is the default high-pass filter. The
alternative 5 x 5 high-pass filter has a lower cut-off frequency and so preserves more
information in lower contrast images. This may help improve tracking performance in some
situations, although a possible effect is an increase in hover (this can be overcome by
increasing min_features threshold, register 0x29).
49
EXPOTIME_MAX
exposure_time_max
7:0
RW
ff
Maximum exposure time
applied by the AEC.
4a
EXPOTIME_MIN
exposure_time_min
7:0
RW
01
Minimum exposure time
applied by the AEC.
4b
EXPO_FRAME_UPDAT
E
autoexpo_frame_upda
te
7:0
RW
01
Exposure update frequency
(every N+1 frames). Default is
every two frames.
4e
EXPOTIME_INC_STEP expo_inc_step
7:0
RW
04
Exposure increment step
(used when below
max_expo_pix_thresh_low).
4f
EXPOTIME_DEC_STEP expo_dec_step
7:0
RW
04
Exposure decrement step
(used when above
max_expo_pix_thresh_high).
50
EXPOTIME_SAT_DEC_
STEP
expo_sat_dec_step
7:0
RW
10
Exposure decrement step
(used when above
max_expo_pix is
saturated = 255).
Table 18. Exposure control (continued)
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
Table 19. 5x5 high-pass filter register
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
28
PARAMETERS_3
Reserved
3:0
PRW
04
Reserved
Reserved
4
PRW
01
Reserved
hpf_5x5_sel
5
PRW
00
Select between 3 x 3 and 5 x 5
high pass filter.
0 = 3 x 3 high pass filter
1 = 5 x 5 high pass filter
Reserved
6
PRW
01
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com