Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 28 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 24Page - STMicroelectronics VS6663CB Datasheet HTML 25Page - STMicroelectronics VS6663CB Datasheet HTML 26Page - STMicroelectronics VS6663CB Datasheet HTML 27Page - STMicroelectronics VS6663CB Datasheet HTML 28Page - STMicroelectronics VS6663CB Datasheet HTML 29Page - STMicroelectronics VS6663CB Datasheet HTML 30Page - STMicroelectronics VS6663CB Datasheet HTML 31Page - STMicroelectronics VS6663CB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
Camera control interface (CCI)
VS6663CB
28/64
Doc ID026749 Rev 2
4.2.7
Video timing registers [0x0300 to 0x03FF]
For a full description of the video timing registers refer to Chapter 6: Video timing on
page 39.
Table 16. Video timing registers [0x0300 to 0x03FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x0300
Hi
vt_pix_clk_div
16UI
00.0A
RW
Video timing clock divider
Value: 10
0x0301
Lo
0x0302
Hi
vt_sys_clk_div
16UI
00.01
RW
Video timing clock divider
Value: 1
0x0303
Lo
0x0304
Hi
pre_pll_clk_div
16UI
00.01
RW
Pre PLL clock divider value
Value: 1
0x0305
Lo
0x0306
Hi
pll_multiplier
16UI
00.85
RW
PLL multiplier value
Value: 133
0x0307
Lo
0x0340
Hi
frame_length_lines
16UI
03.F0
RW
Frame length
Units: Lines
Value: 1008
0x0341
Lo
0x0342
Hi
line_length_pck
16UI
0A.50
RW
Line length
Units: Pixel clocks
Value: 2640
0x0343
Lo
0x0344
Hi
x_addr_start
16UI
00.00
RW
X-address of the top left corner of
the visible pixel data
Units: Pixels
Value: 0
0x0345
Lo
0x0346
Hi
y_addr_start
16UI
00.00
RW
Y-address of the top left corner of
the visible pixel data.
Must be modulo 4 for correct
operation of device.
Units: Lines
Value: 0
0x0347
Lo
0x0348
Hi
x_addr_end
16UI
05.0F
RW
X-address of the bottom right corner
of the visible pixel data
Units: Pixels
Value: 1295
0x0349
Lo
0x034A
Hi
y_addr_end
16UI
03.CF
RW
Y-address of the bottom right corner
of the visible pixel data
Units: Lines
Value = 975
0x034B
Lo
0x034C
Hi
x_output_size
16UI
05.10
RW
Width of image data output from the
sensor module
Units: Pixels
Value: 1296
0x034D
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com