Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 45 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 41Page - STMicroelectronics VS6663CB Datasheet HTML 42Page - STMicroelectronics VS6663CB Datasheet HTML 43Page - STMicroelectronics VS6663CB Datasheet HTML 44Page - STMicroelectronics VS6663CB Datasheet HTML 45Page - STMicroelectronics VS6663CB Datasheet HTML 46Page - STMicroelectronics VS6663CB Datasheet HTML 47Page - STMicroelectronics VS6663CB Datasheet HTML 48Page - STMicroelectronics VS6663CB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Doc ID026749 Rev 2
45/64
VS6663CB
Video timing
47
6.3
Exposure and gain control
VS6663CB does not contain any form of automatic exposure control. To produce a correctly
exposed image the integration period and analog gain for the pixels must be calculated by
an exposure control algorithm implemented externally. The parameters are then written to
the VS6663CB through the CCI interface.
The exposure control parameters available on VS6663CB are:
•
fine integration time
•
coarse integration time
•
analog gain
•
digital gain
The exposure control parameter registers are defined in Section 4.2.6: Integration time and
gain registers [0x0200 to 0x02FF] on page 27.
Integration time and analog gain capability registers should be used to determine the
exposure control parameter limits for a given video timing configuration.
6.3.1
Gain model
VS6663CB only supports the single global analog gain mode.The gain is monotonic to avoid
instabilities in the exposure loop VS6663CB has a 16-bit register (0x0204 and 0x0205) to
control analog gain.
Figure 18 shows how the analog gain bits are used for VS6663CB.
Figure 18. Analog gain register format
The following generic equation describes VS6663CB gain behavior specified by the analog
gain description registers 0x008A to 0x0093:
where:
m1 = -1
c0 = 256
c1 = 256
Table 25 specifies the valid analog gain values for VS6663CB.
Table 25. Analog gain control
Gain value (0x0204/0x0205)
Coarse gain code [A7:A4]
Coarse analog gain
0x0000
0000
0.00 dB (x1.00)
0x0010
0001
0.6 dB (x 1.07)
0x0020
0010
1.1 dB (x1.14)
0x0030
0011
1.8 dB (x1.23)
A7
A6
A5
A4
A1
A0
A8
A9
A15 A14 A13 A12 A11 A10
Coarse gain
Not used
Not used
A3
A2
Not used
gain
c0
m
( 1x
⋅
⁄
c1
)
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com