Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 36 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 32Page - STMicroelectronics VS6663CB Datasheet HTML 33Page - STMicroelectronics VS6663CB Datasheet HTML 34Page - STMicroelectronics VS6663CB Datasheet HTML 35Page - STMicroelectronics VS6663CB Datasheet HTML 36Page - STMicroelectronics VS6663CB Datasheet HTML 37Page - STMicroelectronics VS6663CB Datasheet HTML 38Page - STMicroelectronics VS6663CB Datasheet HTML 39Page - STMicroelectronics VS6663CB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Video data interface
VS6663CB
36/64
Doc ID026749 Rev 2
5
Video data interface
The video stream which is output from the VS6663CB through the compact camera port
(CCP) or camera serial interface (CSI) contains both video data and other auxiliary
information. This chapter describes the frame formats.
The VS6663CB is MIPI CSI-2 version 1.00 and D-PHY 1.0 compliant.
The selection of the video data format is controlled using the register
CSI_SIGNALLING_MODE (0x0111):
0 - CCP2 Data/Clock
1 - CCP2 Data/Strobe
2 - CSI-2 (default)
Changing the video data format must be performed when the sensor is in software standby.
•
The CSI-2 link supports the transmission of raw Bayer data at 1.3 Mpixel resolution up
to 30 frame/s at 10-bit resolution.
•
The CCP link supports the transmission of raw Bayer data at 1.3 Mpixel resolution up
to 30 frame/s using10-8bit compressed data or 24 frame/s at 10-bit resolution.
•
The VS6663CB has one CSI-2 data lane capable of transmitting at 800 Mbps.
•
The VS6663CB CCP lane is capable of transmitting at 640 Mbps.
•
The CSI-2 data lane transmitter supports:
–
unidirectional master
–HS-TX
–
LP-TX (ULPS)
–
CIL-MUYN function
•
The CSI-2 clock lane transmitter supports:
–
unidirectional master
–HS-TX
–
LP-TX (ULPS)
–
CIL-MCNN function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com