Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 50 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 46Page - STMicroelectronics VS6663CB Datasheet HTML 47Page - STMicroelectronics VS6663CB Datasheet HTML 48Page - STMicroelectronics VS6663CB Datasheet HTML 49Page - STMicroelectronics VS6663CB Datasheet HTML 50Page - STMicroelectronics VS6663CB Datasheet HTML 51Page - STMicroelectronics VS6663CB Datasheet HTML 52Page - STMicroelectronics VS6663CB Datasheet HTML 53Page - STMicroelectronics VS6663CB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Electrical characteristics
VS6663CB
50/64
Doc ID026749 Rev 2
7.4
System clock - EXTCLK
7.5
Power down control - XSHUTDOWN
7.6
CCI interface - SDA, SCL
7.6.1
CCI interface - DC specification
Table 29. System clock - EXTCK
Symbol
Parameter
Minimum
Maximum
Unit
fEXTCLK
Clock frequency input
6.0 - 1%(1)
1.
Nominal frequencies are 6.0 to 27 MHz with a 1% centre frequency tolerance.
27 + 1%(1)
MHz
Leakage current
4(2)
2.
With DC coupled square wave clock.
30(3)
3.
With DC VDIG applied.
μA
Table 30. Power down control - XSHUTDOWN
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIL
Low level input voltage
0
-
0.3 VDIG
V
VIH
High level input voltage
0.7 VDIG
-
VANA
V
Table 31. CCI interface - DC specification
Symbol
Parameter
Minimum
Maximum
Unit
VIL
Low level input voltage
0
0.3 * VDIG
V
VIH
High level input voltage
0.7 * VDIG
VDIG
V
VOL
Low level output voltage(1)
1.
VOH not valid for CCI. 3mA drive strength
0
0.2 * VDIG
V
IIL
Low level input current
-
-10
µA
IIH
High level input current
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com