Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 34 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 30Page - STMicroelectronics VS6663CB Datasheet HTML 31Page - STMicroelectronics VS6663CB Datasheet HTML 32Page - STMicroelectronics VS6663CB Datasheet HTML 33Page - STMicroelectronics VS6663CB Datasheet HTML 34Page - STMicroelectronics VS6663CB Datasheet HTML 35Page - STMicroelectronics VS6663CB Datasheet HTML 36Page - STMicroelectronics VS6663CB Datasheet HTML 37Page - STMicroelectronics VS6663CB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Camera control interface (CCI)
VS6663CB
34/64
Doc ID026749 Rev 2
0x1142
Hi
max_frame_length_lines
16UI
FF.FF
RO
Maximum possible number of lines
per frame.
Value = 65535
Units: Lines
0x1143
Lo
0x1144
Hi
min_line_length_pck
16UI
0A.50
RO
Minimum line length allowed.
Value = 2640
Units: Pixel clocks
0x1145
Lo
0x1146
Hi
max_line_length_pck
16UI
3F.FF
RO
Maximum possible number of pixel
clocks per line.
Value = 16383
Units: Pixel clocks
0x1147
Lo
0x1148
Hi
min_line_blanking_pck
16UI
05.30
RO
Minimum line blanking time in pixel
clocks
Value = 1328
Units: Pixel clocks
0x1149
Lo
0x114A
Hi
min_frame_blanking_lines
16UI
00.0E
RO
Minimum frame blanking in video
lines = 14
0x114B
Lo
0x114C
Hi
min_linelength_pck_step_size
16UI
00.01
RO
Minimum step size of line length pck
0x114D
Lo
0x1180
Hi
x_addr_min
16UI
00.00
RO
Minimum X-address of the
addressable pixel array
Value: Always 0
0x1181
Lo
0x1182
Hi
y_addr_min
16UI
00.00
RO
Minimum Y-address of the
addressable pixel array
Value: Always 0
0x1183
Lo
0x1184
Hi
x_addr_max
16UI
05.0F
RO
Maximum X-address of the
addressable pixel array
Value = 1295
0x1185
Lo
0x1186
Hi
y_addr_max
16UI
03.CF
RO
Maximum Y-address of the
addressable pixel array
Value = 975
0x1187
Lo
0x1188
Hi
min_x_output_size
16UI
01.00
RO
Minimum x output size in pixels.
Value: 256
0x1189
Lo
0x118A
Hi
min_y_output_size
16UI
00.C0
RO
Minimum y output size in pixels.
Value: 192
0x118B
Lo
0x118C
Hi
max_x_output_size
16UI
05.10
RO
Maximum x output size in pixels.
Value: 1296
0x118D
Lo
0x118E
Hi
max_y_output_size
16UI
03.D0
RO
Maximum y output size in pixels:
Value: 976
0x118F
Lo
Table 21. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index
Byte
Register name
Data type Default
Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com