Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 35 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 31Page - STMicroelectronics VS6663CB Datasheet HTML 32Page - STMicroelectronics VS6663CB Datasheet HTML 33Page - STMicroelectronics VS6663CB Datasheet HTML 34Page - STMicroelectronics VS6663CB Datasheet HTML 35Page - STMicroelectronics VS6663CB Datasheet HTML 36Page - STMicroelectronics VS6663CB Datasheet HTML 37Page - STMicroelectronics VS6663CB Datasheet HTML 38Page - STMicroelectronics VS6663CB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Doc ID026749 Rev 2
35/64
VS6663CB
Camera control interface (CCI)
47
4.2.13
Binning capability registers [0x1700 to 0x1713]
0x11C0
Hi
min_even_inc
16UI
00.01
RO
Minimum Increment for even pixels
0x11C1
Lo
0x11C2
Hi
max_even_inc
16UI
00.01
RO
Maximum increment for even pixels
0x11C3
Lo
0x11C4
Hi
min_odd_inc
16UI
00.01
RO
Minimum Increment for odd pixels
0x11C5
Lo
0x11C6
Hi
max_odd_inc
16UI
00.01
RO
Maximum Increment for odd pixels
0x11C7
Lo
Table 21. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index
Byte
Register name
Data type Default
Type
Comment
Table 22. Binning capability registers [0x1700 to 0x1713]
Index
Byte
Register name
Data type Default
Type
Comment
0x1700
Hi
min_frame_length_lines_bin
16UI
00.D0
RO
Minimum frame length allowed in
binning mode.
Units: Lines
0x1701
Lo
0x1702
Hi
max_frame_length_lines_bin
16UI
FF.FF
RO
Maximum possible number of lines
per frame allowed in binning mode.
Value = 65535
Units: Lines
0x1703
Lo
0x1704
Hi
min_line_length_pck_bin
16UI
0A.50
RO
Minimum line length allowed in
binning mode.
Value = 2640
Units: Pixel clocks
0x1705
Lo
0x1706
Hi
max_line_length_pck_bin
16UI
3F.FF
RO
Maximum possible number of pixel
clocks per line allowed in binning
mode.
Units: Pixel clocks
0x1707
Lo
0x1708
Hi
min_line_blanking_pck_bin
16UI
05.30
RO
Minimum line blanking time in pixel
clocks allowed in binning mode.
Value = 1328
Units: Pixel clocks
0x1709
Lo
0x170A
Hi
fine_integration_time_min_bin
16UI
01.24
RO
Minimum fine integration time.
Pixel periods allowed in binning
mode.
0x170B
Lo
0x170c
Hi
fine_integration_time_max_
margin_bin
16UI
07.EA
RO
Current line length – current max
fine exposure allowed in binning
mode.
Pixel periods.
0x170d
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com