Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CB Datasheet(PDF) 31 Page - STMicroelectronics

Part # VS6663CB
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VS6663CB Datasheet HTML 27Page - STMicroelectronics VS6663CB Datasheet HTML 28Page - STMicroelectronics VS6663CB Datasheet HTML 29Page - STMicroelectronics VS6663CB Datasheet HTML 30Page - STMicroelectronics VS6663CB Datasheet HTML 31Page - STMicroelectronics VS6663CB Datasheet HTML 32Page - STMicroelectronics VS6663CB Datasheet HTML 33Page - STMicroelectronics VS6663CB Datasheet HTML 34Page - STMicroelectronics VS6663CB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Doc ID026749 Rev 2
31/64
VS6663CB
Camera control interface (CCI)
47
4.2.11
Integration time and gain parameter limit registers [0x1000 to 0x10FF]
These registers are used to define exposure limits for the integration control registers
(0x200 - 0x203). See Section 6.3: Exposure and gain control on page 45 for more
information.
Table 20. Integration time and gain parameter limit registers [0x1000 to 0x10FF]
Index
Byte
Register name
Data type Default
Type
Comment
0x1000
Hi
integration_time_capability
16UI
00.01
RO
This device supports coarse and fine
integration.
0x1001
Lo
0x1004
Hi
coarse_integration_time_
min
16UI
00.00
RO
Minimum coarse integration time.
Line periods.
0x1005
Lo
0x1006
Hi
coarse_integration_time_
max_margin
16UI
00.07
RO
Current frame length – current max
coarse exposure.
Line periods.
0x1007
Lo
0x1008
Hi
fine_integration_time_min
16UI
01.4C
RO
Minimum fine integration time.
332 pixel periods.
0x1009
Lo
0x100A
Hi
fine_integration_time_
max_margin
16UI
06.DF
RO
Current line length - current max fine
exposure.
1759 pixel periods.
0x100B
Lo
0x1080
Hi
digital_gain_capability
16UI
00.01
RO
VS6663CB supports digital gain
0x1081
Lo
0x1084
Hi
digital_gain_min
16UR
00.01
RO
0.0039 minimum
0x1085
Lo
0x1086
Hi
digital_gain_max
16UR
01.FF
RO
1.996 maximum
0x1087
Lo
0x1088
Hi
digital_gain_step_size
16UR
00.01
RO
0.0039 step size
0x1089
Lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com