Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 52 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 52 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 48Page - STMicroelectronics VS6663CD Datasheet HTML 49Page - STMicroelectronics VS6663CD Datasheet HTML 50Page - STMicroelectronics VS6663CD Datasheet HTML 51Page - STMicroelectronics VS6663CD Datasheet HTML 52Page - STMicroelectronics VS6663CD Datasheet HTML 53Page - STMicroelectronics VS6663CD Datasheet HTML 54Page - STMicroelectronics VS6663CD Datasheet HTML 55Page - STMicroelectronics VS6663CD Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Electrical characteristics
VS6663CD
52/64
Doc ID027033 Rev 2
7.7
CCP2 interface
7.7.1
CCP2 interface - DC specification
7.7.2
CCP2 interface - timing characteristics
The parameters in Table 34 are measured across a terminated 100
Ω transmission line, in
data/strobe mode.
Table 33. CCP2 interface - DC specification
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VOD
Differential voltage swing(1)
1.
Measured over a 100
Ω load
100
150
200
mV
VCM
Common mode voltage (self biasing)
0.8
0.9
1.0
V
RO
Output Impedance
40
140
Ω
IDR
Drive current range
(internally set by bias circuit)
0.5
1.5
2
mA
PSRR(2)
2.
Nominal value for the interference at VCM voltage through digital supply relative to the interference at digital
supply over the 0-1 GHz operating range. PSRR = 20*log10 (VDIG interference (peak-to-peak) / VCM
interference (peak-to-peak))
0 - 100MHz
-
-
30
dB
100 - 1000MHz
-
-
10
dB
Table 34. CCP2 interface - timing characteristics
Symbol
Parameter
Min.
Max.
Unit
Fp
Average data frequency
-
640
Mbits/s
Tp
Average data period
1.56
-
ns
Tjitter
(1)
1.
TPmax-TPmin
Data period Jitter
-
200
ps
tstable
Both data and clock at the stable level
780
-
ps
Trise
Rise time of DATA+/DATA-
,CLK+/CLK-
300
400
ps
Tfall
Fall time of DATA+/DATA-,
CLK+/CLK-
300
400
ps
Tskew
(2)
2.
Tskew =Tcmpskew + Tchcskew
Total skew between signals
-
225
ps
tPWR
Power up/down time
-
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com