Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 20 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 16Page - STMicroelectronics VS6663CD Datasheet HTML 17Page - STMicroelectronics VS6663CD Datasheet HTML 18Page - STMicroelectronics VS6663CD Datasheet HTML 19Page - STMicroelectronics VS6663CD Datasheet HTML 20Page - STMicroelectronics VS6663CD Datasheet HTML 21Page - STMicroelectronics VS6663CD Datasheet HTML 22Page - STMicroelectronics VS6663CD Datasheet HTML 23Page - STMicroelectronics VS6663CD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Functional description
VS6663CD
20/64
Doc ID027033 Rev 2
3.2.3
Internal power-on reset (POR)
The VS6663CD internally performs a power-on reset (POR) when the digital supply rises
through the trigger level, Vtrig_rising. Similarly, if the digital power supply falls through the
trigger level, Vtrig_falling, then the power-on reset will also trigger.
Figure 10. POR timing
POR Cell Output
Digital
Power
Supply,
VDIG
Vtrig_rising
Burst > t2
t1
t1
t3
Vtrig_falling
Burst < t4
Burst > t5
Burst > t5
<
Table 8. POR cell characteristics
Symbol
Constraint
Minimum
Typical
Maximum
Units
t1
VDIG rising crossing Vtrig_rising – Internal reset
being released.
20.7
30.7
50.7
µs
t2
Minimum VDIG spike width below Vtrig_falling
which is considered to be a reset when POR cell
output high.
1.25
2.1
6.9
µs
t3(1)
VDIG falling crossing Vtrig_falling - Internal reset
active.
1.25
2.1
6.9
µs
t4
Minimum VDIG spike width below Vtrig_falling
which is considered to be a reset when POR cell
output low.
1.5
2.1
6.9
µs
t5
Minimum VDIG spike width above Vtrig_rising
which is considered to be a supply is stable when
POR cell output low. While the POR cell output is
low, all VDIG spikes above Vtrig_rising which are
less than t5 must be ignored.
20.7
30.7
50.7
ns
Vtrig_rising
VDIG rising trigger voltage.
429
755
944
mV
Vtrig_falling
VDIG falling trigger voltage.
401
725
904
mV
1.
The device could be reset by any VDIG voltage excursion falling below Vtrig_falling and will always be reset by a VDIG
voltage excursion below Vtrig_falling of > 0.5 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com