Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 61 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 56Page - STMicroelectronics VS6663CD Datasheet HTML 57Page - STMicroelectronics VS6663CD Datasheet HTML 58Page - STMicroelectronics VS6663CD Datasheet HTML 59Page - STMicroelectronics VS6663CD Datasheet HTML 60Page - STMicroelectronics VS6663CD Datasheet HTML 61Page - STMicroelectronics VS6663CD Datasheet HTML 62Page - STMicroelectronics VS6663CD Datasheet HTML 63Page - STMicroelectronics VS6663CD Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
Doc ID027033 Rev 2
61/64
VS6663CD
Application
61
11
Application
11.1
Schematic
Figure 25. Mobile camera application
VS6663CD
1.8V
EXTCLK
DATA+
CLK-
GND
SCL
SDA
1.8V
External clock
Power down signal
100R
100R
4.7k
XSHUTDOWN
DATA-
CLK+
SubLVDS data
SubLVDS clock
CCI control lines
VDIG
3.6V
.
2.8V
VANA
VCAP
Notes:
No connection should be made to VCAP.
CCCP2 100R termination may be internal to subLVDS receiver. For CSI-2, the receiver is mandated to have an
internal termination which is dynamically switched in and out depending on whether the link is in HIGH SPEED or
LOW POWER mode. This transition occurs every line.
220nF
.
220nF
VCORE
CHARGE
PUMP
470nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com