Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 49 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 45Page - STMicroelectronics VS6663CD Datasheet HTML 46Page - STMicroelectronics VS6663CD Datasheet HTML 47Page - STMicroelectronics VS6663CD Datasheet HTML 48Page - STMicroelectronics VS6663CD Datasheet HTML 49Page - STMicroelectronics VS6663CD Datasheet HTML 50Page - STMicroelectronics VS6663CD Datasheet HTML 51Page - STMicroelectronics VS6663CD Datasheet HTML 52Page - STMicroelectronics VS6663CD Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Doc ID027033 Rev 2
49/64
VS6663CD
Electrical characteristics
55
7.2
Operating conditions
7.3
Power supply - VDIG, VANA
7.3.1
Peak current
The peak current consumption of the sensor module is defined as any current pulse
>=10
μs. Peak current is assumed to be <1.33 x maximum average current for the stated
operating mode and worst case conditions. The duty cycle of the peak to the low part of the
current profile is 33% with a worst-case period of 500
μs.
Table 27. Operating conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Voltage
VDIG
Digital power supply
1.68
1.8
1.92
V
VANA
Analog power supply
2.6
2.8
2.9
V
Temperature
TAS
Temperature (storage(1))
1.
Camera has no permanent degradation.
-40
-
+85
°C
TAF
Temperature (functional operating(2))
2.
Camera is electrically functional.
-30
-
+70
°C
TAN
Temperature (normal operating(3))
3.
Camera produces “acceptable” images.
-25
-
+55
°C
TAO
Temperature (optimal operating(4))(5)
4.
Camera produces optimal optical performance.
5.
Camera surface temperature.
+5
-
+40
°C
TAT
Temperature (test(6))
6.
100% tested parameters are measured at this temperature.
+21
-
+25
°C
Table 28. Power supplies VDIG, VANA
Parameter
Digital
Analogue
Unit
Typical
Maximum
Typical
Maximum
Hardware standby
2
20
2
10
µA
Streaming(1)
1.
Full resolution, 10-10data, 30 fps, CSI-2
18
50
40
55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com