Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 55 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 55 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 51Page - STMicroelectronics VS6663CD Datasheet HTML 52Page - STMicroelectronics VS6663CD Datasheet HTML 53Page - STMicroelectronics VS6663CD Datasheet HTML 54Page - STMicroelectronics VS6663CD Datasheet HTML 55Page - STMicroelectronics VS6663CD Datasheet HTML 56Page - STMicroelectronics VS6663CD Datasheet HTML 57Page - STMicroelectronics VS6663CD Datasheet HTML 58Page - STMicroelectronics VS6663CD Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Doc ID027033 Rev 2
55/64
VS6663CD
Optical specification
55
8
Optical specification
8.1
Lens characteristics
8.2
User precaution
As is common with many CMOS image modules the camera should not be pointed at bright
static objects for long periods of time as permanent damage to the sensor may occur.
Table 39. Lens design characteristics for first source lens supplier
Parameter
Value
2-element plastic lens
-
F/number
2.8
Effective focal length
2.31mm (paraxial)
Horizontal FOV
50.7
°
Nominal focusing distance
15 cm
Stray-light
No undesirable stray-light artefact's to be present in
image at contrast of:
1:105 out of scene
1:104 in scene
Spectral weighting:
Wavelength (nm)
Weight
656.28
151
587.56
318
546.07
312
486.13
157
435.84
49
404.66
13
Lateral chromatic aberration from blue
(
λ=435nm) to red (λ=640nm)
< |3.8 um|
Coating reflectance - All surfaces are
coated. At least 50% of all surfaces must
fulfil this specification.
< 400 nm
400 - 670 nm
>670 nm
No limitation
≤ 1.0% absolute, 0.35% avg
Straight line with a slope of < 3% /
100nm
Maximum chief ray angle
29
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com