Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 15 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 11Page - STMicroelectronics VS6663CD Datasheet HTML 12Page - STMicroelectronics VS6663CD Datasheet HTML 13Page - STMicroelectronics VS6663CD Datasheet HTML 14Page - STMicroelectronics VS6663CD Datasheet HTML 15Page - STMicroelectronics VS6663CD Datasheet HTML 16Page - STMicroelectronics VS6663CD Datasheet HTML 17Page - STMicroelectronics VS6663CD Datasheet HTML 18Page - STMicroelectronics VS6663CD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Doc ID027033 Rev 2
15/64
VS6663CD
Functional description
47
3.2.1
Power-up procedure
The digital and analog supply voltages can be powered up in any order, for example, VDIG
then VANA or VANA then VDIG.
On power-up the on-chip power-on reset cell ensures that the CCI register values are
initialized correctly to their default values.
The EXTCLK clock can either be initially low and then enabled during software standby
mode or EXTCLK can be a free running clock.
The power-up sequence timing constraints are shown in Table 6.
Table 6. Power-up sequence timing constraints
Symbol
Parameter
Min.
Max.
Units
t0
VANA rising – VDIG rising
VANA and VDIG may rise in any
order. The rising separation can
vary from 0 ns to indefinite.
ns
t1
VDIG rising – VANA rising
ns
t2
VDIG / VANA rising –
XSHUTDOWN rising
XSHUTDOWN must rise later
than or coincident with the later
rising supply (VDIG or VANA)
µs
t3
XSHUTDOWN – First I2C
transaction
2400
-
EXTCLK cycles
t4
Minimum number of EXTCLK cycles
prior to the first I2C transaction
2400
-
EXTCLK cycles
t5
PLL start up/lock time
-
1
ms
t6
Entering streaming mode – First
frame start sequence (fixed part)
-ms
t7
Entering streaming mode – First
frame start sequence (variable part)
= Integration time
The delay is the coarse
integration time value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com