Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6663CD Datasheet(PDF) 54 Page - STMicroelectronics

Part # VS6663CD
Description  1.3 megapixel camera module
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CD Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VS6663CD Datasheet HTML 50Page - STMicroelectronics VS6663CD Datasheet HTML 51Page - STMicroelectronics VS6663CD Datasheet HTML 52Page - STMicroelectronics VS6663CD Datasheet HTML 53Page - STMicroelectronics VS6663CD Datasheet HTML 54Page - STMicroelectronics VS6663CD Datasheet HTML 55Page - STMicroelectronics VS6663CD Datasheet HTML 56Page - STMicroelectronics VS6663CD Datasheet HTML 57Page - STMicroelectronics VS6663CD Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
Electrical characteristics
VS6663CD
54/64
Doc ID027033 Rev 2
7.8.2
CSI-2 interface - AC specification
Note:
For further information on the D-PHY please refer to the following specification document:
MIPI Alliance Standard for D_PHY version 1.00.
Table 37. CSI-2 interface - high speed mode - AC specification
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Data rate
80
-
800
Mbits/s
tr and tf
20% - 80% rise time and fall time
150
0.3UI(1)
1.
UI is equal to 1/(2*fh) where fh is the fundamental frequency of the transmission for a certain bit rate. For
example, for 800 Mbps, fh is 400 MHz.
ps
tskew
Data to clock skew
-0.15UI
-
0.15UI
ps
Table 38. CSI-2 interface - low power mode - AC specification
Symbol
Parameter
Minimum
Typical
Maximum
Unit
tr and tf
15% - 85% rise time and fall time
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com