Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 3 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 3 Page - ASM GmbH

  PCST25 Datasheet HTML 1Page - ASM GmbH PCST25 Datasheet HTML 2Page - ASM GmbH PCST25 Datasheet HTML 3Page - ASM GmbH PCST25 Datasheet HTML 4Page - ASM GmbH PCST25 Datasheet HTML 5Page - ASM GmbH PCST25 Datasheet HTML 6Page - ASM GmbH PCST25 Datasheet HTML 7Page - ASM GmbH PCST25 Datasheet HTML 8Page - ASM GmbH PCST25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PCSTMAG...
PCST25
//
Specifications
Output
Synchronous serial interface (SSI)
Resolution
5, 10, 20, 50, 100 µm
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
Sensor rod: stainless steel 1.4404, head: AlMgSi
Mounting
Thread M18x1,5 / thread ¾ inch / plug-in mounting
Working pressure
400 bar, other values on request
Protection class
IP67 (optional IP67/IP69K)
Shock
EN 60068-2-27:2010, 50 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
Cable 2 m
EMC, temperature
Refer to output specification
POSICHRON® rod-style position sensor
• Forhydrauliccylinders,fluidlevelmeasurement
• ProtectionclassuptoIP67/IP69K
• Measurementrange0...100to0...5750mm
• Absolutepositionmeasurement
• Contactless
• Synchronousserialinterface(SSI)
POSICHRON®
PCST25
Rod-Style Design with SSI Output
Ordercodepositionmagnet(see page 7-11)
Orderexample:PCST25-M18-1500-50-SSI/G/24-L02-KAB2M
OrdercodePCST25
Modelname
Mounting
M18
= Thread M18 x 1,5
Z3/4
= Thread ¾ "-16UNF
SV
= Plug-in version
Measurementrange(inmm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Resolution[inµm]
5 / 10 / 20 / 50 / 100
Output
SSI
= Synchronous serial interface
Code
G / D
= Gray / Dual
Numberofdatabits
24 / 25
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
KAB2M = Cable, standard length 2 m, other lengths upon request
DB-PCST25-E-2013-11
www.asm-sensor.com
3/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com