Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 13 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 13 Page - ASM GmbH

Back Button PCST25 Datasheet HTML 9Page - ASM GmbH PCST25 Datasheet HTML 10Page - ASM GmbH PCST25 Datasheet HTML 11Page - ASM GmbH PCST25 Datasheet HTML 12Page - ASM GmbH PCST25 Datasheet HTML 13Page - ASM GmbH PCST25 Datasheet HTML 14Page - ASM GmbH PCST25 Datasheet HTML 15Page - ASM GmbH PCST25 Datasheet HTML 16Page - ASM GmbH PCST25 Datasheet HTML 17Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
POSICHRON®
OutputSpecificationU2,U8andI1
Configurable, 1 or 2 channels
Signal
Plugconnection
Cableconnection
Viewtothe
sensorconnector
Excitation +
1
white
Excitation GND
2
brown
Signal 1 +
3
green
Signal GND
4
yellow
Signal 2 + (optional*)
5
grey
SPAN/ZERO (PMU** only, optional)
6
pink
ConnectorM12,8-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 14
Signal
Plugconnection
Viewtothe
sensorconnector
Excitation +
1
Signal 1 +
2
GND
3
Signal 2 + (optional*)
4
PMU** (optional)
5
ConnectorM12,5-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 14
Signal
Plugconnection
Viewtothe
sensorconnector
Excitation +
1
Excitation GND
2
Signal +
3
PMU** (optional)
4
ConnectorM8,4-pin
Signal wiring
* When using multiple magnets the distance between two magnets must be min. 70 mm to identify the
single magnets definitely.
** Description page 14
DB-PCST25-E-2013-11
www.asm-sensor.com
13/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com