Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 5 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 5 Page - ASM GmbH

  PCST25 Datasheet HTML 1Page - ASM GmbH PCST25 Datasheet HTML 2Page - ASM GmbH PCST25 Datasheet HTML 3Page - ASM GmbH PCST25 Datasheet HTML 4Page - ASM GmbH PCST25 Datasheet HTML 5Page - ASM GmbH PCST25 Datasheet HTML 6Page - ASM GmbH PCST25 Datasheet HTML 7Page - ASM GmbH PCST25 Datasheet HTML 8Page - ASM GmbH PCST25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
POSICHRON®
PCST25
Rod-Style Design
WithM18flange
With¾“flange
Plug-inversion
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross
sectional area 0.25 mm²
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Dimensions informative only. For guaranteed dimensions consult factory.
Dimensions in mm [inch]
Cable: outer diameter 5.2 mm ±0.2 mm, wire:
cross sectional area 0.25 mm²
Cable: outer diameter 5.2 mm ±0.2 mm, wire: cross
sectional area 0.25 mm²
34 [1.339]
start position
PCSTMAG
end position
PCSTMAG
2,5 [0.098]
25 [0.984]
23 [0.906]
total length A = measurement length + 97 [3.819] ( i.e. 197 [7.756])
15,75 [0.620]
M18x1,5
measurement length i.e.(100[3.937])
63 [2.480]
46 [1.811]
2
7,4
[1.
07
9]
23,8 [0.937]
total length A = measurement length + 97 [3.819] (i.e. 197 [ 7.756])
start position
PCSTMAG
end position
PCSTMAG
46 [1.811]
15,75 [.620]
23 [.906]
2,5 [.098]
25 [.984]
3/4-16 UNF - 2A
34 [1.339]
measurement length i.e.(100[3.937])
63 [2.480]
2
7,4
[1.
07
9]
26 [1.024]
F
34 [1.339]
start position
PCSTMAG
end position
PCSTMAG
measurement length (i.e. 100[3.937])
total length A = measurement length + 99 [3.898] (i.e. 199 [ 7.835])
65 [2.559]
21 [0.827]
15,75 [0.620]
48
f7
(-0,05
0,025
-
) 1.890 f7 (-
0.002
0.001
-
)
[
]
2
7,4
[1.0
79]
11,5 [0.453]
3,5 [0.138]
DB-PCST25-E-2013-11
www.asm-sensor.com
5/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com