Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 16 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 16 Page - ASM GmbH

Back Button PCST25 Datasheet HTML 11Page - ASM GmbH PCST25 Datasheet HTML 12Page - ASM GmbH PCST25 Datasheet HTML 13Page - ASM GmbH PCST25 Datasheet HTML 14Page - ASM GmbH PCST25 Datasheet HTML 15Page - ASM GmbH PCST25 Datasheet HTML 16Page - ASM GmbH PCST25 Datasheet HTML 17Page - ASM GmbH PCST25 Datasheet HTML 18Page - ASM GmbH PCST25 Datasheet HTML 19Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
View to sensor connector
POSICHRON®
OutputSpecificationCANopen
InterfaceCANOP
Communication profile
CANopen CiA 301 V 4.02, Slave
Encoder profile
Encoder CiA 406 V 3.2
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Adjustable via LSS or via object dictionary
PDO
4 TxPDO, 0 RxPDO, no linking, static mapping
PDO Modes
Event-/Time triggered, Remote-request, Sync
cyclic/acyclic
SDO
1 server, 0 client
CAM
8 cams
Certified
Yes
Transmission rates
50 kBaud to 1 MBaud, adjustable via LSS or via
object dictionary
Nodes
127 max.
Bus connection
M12 connector, 5 pins
Integrated bus terminating resistor
120 Ω (option)
Bus, galvanic isolated
No
Description
CANopen interface with process data for position and cam functions, programmable are
preset, resolution, filtering and cam switching points.
Specifications
Excitation voltage
18 ... 36 V DC
Excitation current
Typ. 20 mA for 24 V, max. 80 mA
Number of position magnets
1 ... 4
Resolution
50 µm
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
Dielectric strength
500 V (V AC, 50 Hz, 1 min.)
EMC
EN 61326-1:2013
Signalwiring
Signal
Plugconnection
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
When using multiple magnets the distance between two magnets must be min. 70 mm to
identify the single magnets definitely.
DB-PCST25-E-2013-11
www.asm-sensor.com
16/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com