Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 1 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 1 Page - ASM GmbH

  PCST25 Datasheet HTML 1Page - ASM GmbH PCST25 Datasheet HTML 2Page - ASM GmbH PCST25 Datasheet HTML 3Page - ASM GmbH PCST25 Datasheet HTML 4Page - ASM GmbH PCST25 Datasheet HTML 5Page - ASM GmbH PCST25 Datasheet HTML 6Page - ASM GmbH PCST25 Datasheet HTML 7Page - ASM GmbH PCST25 Datasheet HTML 8Page - ASM GmbH PCST25 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
PCST25
POSICHRON® rod-style position sensor
• Forhydrauliccylinders,fluidlevelmeasurement
• ProtectionclassuptoIP67/IP69K
• Measurementrange0...100to0...5750mm
• Absolutepositionmeasurement
• Contactless
• Analogoutput
Specifications
Output
Voltage
Current
Resolution
Refer to output specification
Sampling rate
Up to 1 kHz, depending on the measurement range
Linearity
Ranges >500 mm: L10 = ±0.10 % f.s.
L02 = ±0.02 % f.s.
Ranges ≤500 mm: L10 = ±0.5 mm
L02MM = ±0.2 mm
Repeatability
±3 µm
Housing material
Sensor rod: stainless steel 1.4404, head: AlMgSi
Mounting
Thread M18x1,5 / thread ¾ inch / plug-in mounting
Operating pressure
400 bar, other values on request
Protection class
IP67 (optional IP67/IP69K)
Shock
EN 60068-2-27:2010, 50 g 11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Connection
Cable 2 m
EMC, temperature
Refer to output specification
POSICHRON®
PCST25
Rod-Style Design with Analog Output
OrdercodePCST25 Modelname
Mounting
M18
= Thread M18 x 1,5
Z3/4
= Thread ¾"-16UNF
SV
= Plug-in version
Measurementrange(inmm)
100 ... 5750 (in 10 mm increments)
other lengths upon request
Output
U1
= 0 ... 10 V signal conditioner
U1/H
= U1 with Alarm_HOLD (see page 14)
U2
= 0.5 ... 10 V signal conditioner
U2/U; U2/H = U2 with Alarm_LOW; U2 with Alarm_HOLD (see page 14)
U8
= 0.5 ... 4.5 V signal conditioner
U8/U; U8/H = U8 with Alarm_LOW; U8 with Alarm_HOLD (see page 14)
I1
= 4 ... 20 mA signal conditioner (3 wire)
I1/U; I1/H
= I1 with Alarm_LOW; I1 with Alarm_HOLD (see page 14)
Functionandcharacteristicsoutput
P1A
= Position Magnet 1, increasing
P1D
= Position Magnet 1, decreasing
PMU
= Start value, direction & end value adjustable by the customer
Linearity
L02 / L02MM / L10 (for definition see "Specifications" above)
Connection
KAB2M
= Cable, standard length 2 m, other lengths upon request
1channel
DB-PCST25-E-2013-11
www.asm-sensor.com
1/19
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCST25

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
Stick Design with Analog Output
PCST21-100-10V-D8 ASM-SENSOR-PCST21-100-10V-D8 Datasheet
271Kb / 8P
Stick Design with Analog Output
PCST21-100-10V-KAB3M ASM-SENSOR-PCST21-100-10V-KAB3M Datasheet
271Kb / 8P
Stick Design with Analog Output
PCST21-1000-10V-D8 ASM-SENSOR-PCST21-1000-10V-D8 Datasheet
271Kb / 8P
Stick Design with Analog Output
PCST21-1000-10V-KAB3M ASM-SENSOR-PCST21-1000-10V-KAB3M Datasheet
271Kb / 8P
Stick Design with Analog Output
More results

Similar Description - PCST25

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
Inclination Sensor with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
Rod Profile with Analog Output
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
Stick Design with Analog Output
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
Rod-Style Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
Advanced Analog Chip Design
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
T30UX Series with Analog Output
logo
Endress+Hauser Group Se...
CPS71D EH-CPS71D Datasheet
462Kb / 16P
pH single-rod measuring cells, analog or with digital Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com