Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 12 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 12 Page - ASM GmbH

Back Button PCST25 Datasheet HTML 8Page - ASM GmbH PCST25 Datasheet HTML 9Page - ASM GmbH PCST25 Datasheet HTML 10Page - ASM GmbH PCST25 Datasheet HTML 11Page - ASM GmbH PCST25 Datasheet HTML 12Page - ASM GmbH PCST25 Datasheet HTML 13Page - ASM GmbH PCST25 Datasheet HTML 14Page - ASM GmbH PCST25 Datasheet HTML 15Page - ASM GmbH PCST25 Datasheet HTML 16Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
I1
U1,
U2,
U8
POSICHRON®
OutputSpecificationU2,U8andI1
Configurable, 1 or 2 channels
U1,U2,U8
Voltage output
Excitation voltage
U1: 18 ... 36 V DC; U2: 18 ... 36 V DC; U8: 10 ... 36 V
Excitation current
Typ. 35 mA, 80 mA max.
Output voltage
U1: 0 ... 10 V DC; U2: 0.5 ... 10 V DC; U8: 0.5 ... 4.5 V DC
Output current
2 mA max.
Output load
> 5 kΩ
Resolution
16 bit f.s., min. 10 µm
Stability (temperature)
±50 x 10-6 / °C f.s.
Protection
Reverse polarity, short circuit
Output noise
0.5 mV
RMS
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
Excitation +
Excitation GND
Signal 1 +
Signal GND
Signaldiagram
Excitation +
Excitation GND
Signal 1 +
Signal GND
I1
Current output (3 wire)
Excitation voltage
18 ... 36 V DC (10 ... 36 V for R
L≤250Ω)
Excitation current
Typ. 60 mA, 80 mA max.
Load resistor
350 Ω max.
Output current
4 ... 20 mA, 30 mA max (at failure)
Resolution
16 bit f.s., min. 10 µm
Stability (temperature)
±50 x 10-6 / °C f.s.
Protection
Reverse polarity, short circuit
Output noise
0.5 mV
RMS
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
SPAN/ZERO (PMU, as option)
Signal 2 + (as option)
SPAN/ZERO (PMU, as option)
Signal 2 + (as option)
Signaldiagram
Signaldiagram
DB-PCST25-E-2013-11
www.asm-sensor.com
12/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com