Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCST25 Datasheet(PDF) 14 Page - ASM GmbH

Part # PCST25
Description  Rod-Style Design with Analog Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25 Datasheet(HTML) 14 Page - ASM GmbH

Back Button PCST25 Datasheet HTML 10Page - ASM GmbH PCST25 Datasheet HTML 11Page - ASM GmbH PCST25 Datasheet HTML 12Page - ASM GmbH PCST25 Datasheet HTML 13Page - ASM GmbH PCST25 Datasheet HTML 14Page - ASM GmbH PCST25 Datasheet HTML 15Page - ASM GmbH PCST25 Datasheet HTML 16Page - ASM GmbH PCST25 Datasheet HTML 17Page - ASM GmbH PCST25 Datasheet HTML 18Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Option-PMUfor
analogoutput
U1,U2,U8andI1
Programming of the start and end value by the customer:
The option PMU allows to program the start value and the end value of the output range
by a programming signal SPAN/ZERO available at the connector. This Signal SPAN/ZERO
must be connected with GND via a push button, then position magnet of the sensor must
be moved to the start resp. end position. Pushing the button between 2 and 4 seconds sets
the actual position as start position, pushing the button more than 5 seconds sets the actual
position as end position. The values will be stored and are available after switching off the
sensor.
To reset the sensor to the factory values the button must be pushed for longer than two
seconds when the sensor is switched on.
POSICHRON®
DescriptionofOutputOptions
Diagnosticonanalog
outputs
Errorsignalfor
SSIoutput
If the sensor cannot detect a magnet the position value will assume the maximum value
(0xFFFFFFF).
Alarm_HIGH
(standard)
Alarm_LOW
(.../U)
Alarm_HOLD
(.../H)
U1
Uout ≥ 10,5 V
—
keeps last valid state
(Order codeU1/H)
U2
Uout ≥ 10,5 V
Uout < 0,25 V
(Order codeU2/U)
keeps last valid state
(Order codeU2/H)
U8
Uout ≥ 10 V
Uout < 0,25 V
(Order codeU8/U)
keeps last valid state
(Order codeU8/H)
I1
Iout ≥ 21 mA
1,5 ... 2 mA
(Order code
I1/U)
keeps last valid state
(Order codeI1/H)
Behaviouroftheanalogsignaloutputincaseoferror
In case of error (magnet missing or outside the measuring range) the analog output signal
will assume a state according to the following options:
Alarm_HIGH
The output voltage resp. the output current is at HIGH level (overrange).
Alarm_LOW
The output voltage resp. the output current is at LOW level (underrange).
Alarm_HOLD
The output voltage resp. the output current will keep the last valid state.
DB-PCST25-E-2013-11
www.asm-sensor.com
14/19
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com