Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG TLE6263 Datasheet HTML 30Page - Infineon Technologies AG TLE6263 Datasheet HTML 31Page - Infineon Technologies AG TLE6263 Datasheet HTML 32Page - Infineon Technologies AG TLE6263 Datasheet HTML 33Page - Infineon Technologies AG TLE6263 Datasheet HTML 34Page - Infineon Technologies AG TLE6263 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
31
2004-06-07
Data Output Timing
Not subject to production test - specified by design
DO rise time
t
rDO
–
50
100
ns
CL = 100 pF
DO fall time
t
fDO
–
50
100
ns
CL = 100 pF
DO enable time
t
ENDO
–
–
250
ns
low impedance
DO disable time
t
DISDO
–
–
250
ns
high impedance
DO valid time
t
VADO
–
100
250
ns
VDO < 0.1 VCC;
VDO > 0.9 VCC;
CL = 100 pF
Thermal Prewarning and Shutdown (junction temperatures)
Not subject to production test - specified by design
OUTHS thermal prewarning
ON temperature
T
jPW
120
145
170
°C
bit 0 of SPI
diagnosis word
OUTHS thermal prewarning
hyst.
∆T
–30
–K
–
OUTHS thermal shutdown
temp.
T
jSD
150
175
200
°C
–
OUTHS thermal switch-on
temp.
T
jSO
120
–
170
°C
–
OUTHS thermal shutdown
hyst.
∆T
–30
–K
–
OUTHS ratio of SD to PW
temp.
T
jSD / TjPW
1.20
–
–
–
Vcc thermal shutdown temp.
T
jSD
155
185
200
°C
hysteresis 15°K
(typ.)
OUTHS thermal shutdown
temp.
T
jSD
150
°C
hysteresis 15°K
(typ.)
7.3
Electrical Characteristics (cont’d)
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com