Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 14Page - Infineon Technologies AG TLE6263 Datasheet HTML 15Page - Infineon Technologies AG TLE6263 Datasheet HTML 16Page - Infineon Technologies AG TLE6263 Datasheet HTML 17Page - Infineon Technologies AG TLE6263 Datasheet HTML 18Page - Infineon Technologies AG TLE6263 Datasheet HTML 19Page - Infineon Technologies AG TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
18
2004-06-07
7
Electrical Characteristics
7.1
Absolute Maximum Ratings
Parameter
Symbol
Limit Values Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
-0.3
28
V
Supply voltage
V
S
-0.3
40
V
tp< 0.5s; tp/T < 0.1
Regulator output voltage
V
CC
-0.3
5.5
V
CAN bus voltage (CANH, CANL)
V
CANH/L
-20
28
V
CAN bus voltage (CANH, CANL)
V
CANH/L
-40
40
V
VS >0 V
tp< 0.5s; tp/T < 0.1
Logic input voltages (DI, CLK,
CSN, OSC, TxD)
V
I
-0.3
V
CC
+0.3
V
0 V < VS < 24 V
0 V < VCC < 5.5 V
Logic output voltage
(DO, RO, INT, RxD, FSO)
V
DRI,RD
-0.3
V
CC
+0.3
V
0 V < VS < 24 V
0 V < VCC < 5.5 V
Termination input voltage
(RTH, RTL)
V
TL /TH
-0.3
V
S
+0.3
V
0 V < VS < 24 V
0 V < VCC < 5.5 V
Input voltages at WK1/2 and
SI
V
WK/SI
-40
40
V
Electrostatic discharge
voltage at pin CANH, CANL,
GND, VS
V
esd
-3
3
kV
human body model,
C = 100 pF, R = 1.5 k
Ω
Electrostatic discharge
voltage at any other pin
V
esd
-1
1
kV
human body model,
C = 100 pF, R = 1.5 k
Ω
Currents
Output current; Vcc
I
CC
––
A
1) internally limited
Output current; OUTHS
I
OUTH1
1)
0.2
A
1) internally limited
Note 1): Not subject to production test - specified by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com