Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 18Page - Infineon Technologies AG TLE6263 Datasheet HTML 19Page - Infineon Technologies AG TLE6263 Datasheet HTML 20Page - Infineon Technologies AG TLE6263 Datasheet HTML 21Page - Infineon Technologies AG TLE6263 Datasheet HTML 22Page - Infineon Technologies AG TLE6263 Datasheet HTML 23Page - Infineon Technologies AG TLE6263 Datasheet HTML 24Page - Infineon Technologies AG TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
22
2004-06-07
Oscillator
internal oscillating frequency
f
OSC
125
kHz
Internal cycling time
(1/64 * fOSC)
-1
t
CYL
0.43
0.51
0.64
ms
Internal cycling time
(1/64 * fOSC)
-1
t
CYL
0.30
0.51
0.72
ms
sleep mode
Reset Generator; Pin RO
Reset threshold voltage
V
RT
4.5
4.65
4.8
V
VCC decreasing
Reset low output voltage
V
RO
0.2
0.4
V
IRO = 1mA for
VCC = VRT or
IRO = 200 µA for
VCC ≥ 1V
Reset high output voltage
V
RO
4.0
V
CC+
0.1
V
Reset pull up current
I
RO
20
200
500
µA
VRO = 0V
Reset reaction time
t
RR
1210
µs
VCC < VRT to RO = L
Reset delay time (16 cyl.)
t
RD
6.9
8.5
12
ms
Watchdog Generator
Watchdog trigger
t
WD
7.2
10
13.6
ms
Long open window (128 cyl.)
t
LW
55
65
81
ms
Closed window (12 cyl.)
t
CW
5.16.1
7.7ms
Open window (20 cyl.)
t
OW
8.6
10.2
13
ms
Watchdog reset-puls time
(4 cyl.)
t
WDR
1.7
23ms
Watchdog undercurrent
disable threshold
I
CCWD
0.5
47mA
Tj <85 °C;
Watchdog OFF when
ICC < ICCWD and SPI-
Ibit 7= H
7.3
Electrical Characteristics (cont’d)
VS =13.5V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com