Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 8Page - Infineon Technologies AG TLE6263 Datasheet HTML 9Page - Infineon Technologies AG TLE6263 Datasheet HTML 10Page - Infineon Technologies AG TLE6263 Datasheet HTML 11Page - Infineon Technologies AG TLE6263 Datasheet HTML 12Page - Infineon Technologies AG TLE6263 Datasheet HTML 13Page - Infineon Technologies AG TLE6263 Datasheet HTML 14Page - Infineon Technologies AG TLE6263 Datasheet HTML 15Page - Infineon Technologies AG TLE6263 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
12
2004-06-07
Table 2: CAN bus line failure cases
6.5
SPI (serial peripheral interface)
The 8-bit wide programming word (input word, see table 3) is read in via the data input
DI, and this is synchronized with the clock input CLK supplied by the µC. The diagnostic
information depends on the operation mode. The internal latches for the Vbat-stand-by
diagnosis are reseted when leaving this mode.
Table 3, Input Data Protocol
Table 4, Diagnosis Data Protocol
all modes
normal mode
failure
#
failure description
according to ISO 11898-3
failure description
according to 11519-2
1
CANH line interrupted
CANL line interrupted
2
CANL line interrupted
CANH line interrupted
3
CANH shorted to Vbat
CANL shorted to Vbat
3a
CANH shorted to Vcc
CANL shorted to Vcc
4
CANL shorted to GND
CANH shorted to GND
5
CANH shorted to GND
CANL shorted to GND
6
CANL shorted to Vbat
CANH shorted to Vbat
6a
CANL shorted to Vcc
CANH shorted to Vcc
7
CANL shorted to CANH
CANL shorted to CANH
IBIT
OBIT
7
Watchdog Undercurrent
Control
7
HS UV / Temp-Shut Down
6Set VINT-Fail + VCC Fail
Flag
6HS Overcurrent
5
OUTHS ON
5
CANL bus fail
4
OUTHS Cyclic Sense
4
CANH bus fail
3
Not Standby
3
WK2 logic level
2
Enable Transmit
2
WK1 logic level
1
Reset Internal WK-FF
1
Window Watchdog Reset
0
Watchdog Trigger
0
Temperature Prewarning
H= ON
L= OFF
H= ON
L= OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com