Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 25Page - Infineon Technologies AG TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG TLE6263 Datasheet HTML 30Page - Infineon Technologies AG TLE6263 Datasheet HTML 31Page - Infineon Technologies AG TLE6263 Datasheet HTML 32Page - Infineon Technologies AG TLE6263 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
29
2004-06-07
Propagation delay
TxD-to-RxD HIGH (dominant
to recessive)
tPD(H)
–1.3
2.0
µs
C1 = 100 pF;
C2 = 0; R1 =100 Ω; no
failures and bus failure
cases 1, 2, 3a and 4
–2.5
3.5
µs
C1 = C2 = 3.3 nF;
R1 = 100 Ω; no bus
failure and failure
cases 1, 2, 3a and 4
–1.3
2.1
µs
C1 100 pF; C2 = 0;
R1 = 100 Ω; bus failure
cases 3, 5, 6, 6a and 7
–1.7
2.6
µs
C1 = C2 = 3.3 nF;
R1 = 100 Ω; bus failure
cases 3, 5, 6, 6a and 7
Edge-count difference
(falling edge) between CANH
and CANL for failure cases 1,
2, 3a and 4 detection
ne
–4
––
Edge-count difference (rising
edge) between CANH and
CANL for failure cases 1, 2,
3a and 4 recovery
–2
––
TxD permanent dominant
disable time
tTxD
1.32.0
3.5ms
SPI-Interface
Logic Inputs DI, CLK and CSN
H-input voltage threshold
V
IH
–
–
0.7 x
V
CC
V
–
L-input voltage threshold
V
IL
0.3 x
V
CC
––
V
–
Hysteresis of input voltage
V
IHY
50
200
500
mV
–
Pull up current at pin CSN
I
ICSN
–100 –25
– 5
µA
VCSN = 0.7 × VCC
7.3
Electrical Characteristics (cont’d)
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com